Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX861IUA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX861IUA
Description  50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX861IUA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX861IUA Datasheet HTML 4Page - Maxim Integrated Products MAX861IUA Datasheet HTML 5Page - Maxim Integrated Products MAX861IUA Datasheet HTML 6Page - Maxim Integrated Products MAX861IUA Datasheet HTML 7Page - Maxim Integrated Products MAX861IUA Datasheet HTML 8Page - Maxim Integrated Products MAX861IUA Datasheet HTML 9Page - Maxim Integrated Products MAX861IUA Datasheet HTML 10Page - Maxim Integrated Products MAX861IUA Datasheet HTML 11Page - Maxim Integrated Products MAX861IUA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
50mA, Frequency-Selectable,
Switched-Capacitor Voltage Converters
_______________________________________________________________________________________
9
Compatibility with
MAX660/MAX665/ICL7660
The MAX860/MAX861 can be used in sockets
designed for the MAX660, MAX665, and ICL7660 with
a minimum of one wiring change. This section gives
advice on installing a MAX860/MAX861 into a socket
designed for one of the earlier devices.
The MAX660, MAX665, and ICL7660 have an OSC pin
instead of
S
H
D
N
. MAX660, MAX665, and ICL7660 nor-
mal operation is with OSC floating (although OSC can
be overdriven). If OSC is floating, pin 7 (
S
H
D
N
) should
be jumpered to VDD to enable the MAX860/MAX861
permanently. Do not leave
S
H
D
N
on the MAX860/
MAX861 floating.
The MAX860/MAX861 operate with FC either floating or
connected to VDD, OUT, or GND; each connection
defines the oscillator frequency. Thus, any of the nor-
mal MAX660, MAX665, or ICL7660 connections to pin 1
will work with the MAX860/MAX861, without modifica-
tions. Changes to the FC connection are only required
if you want to adjust the operating frequency.
MAX860
MAX861
8
7
5
VOUT = (2VIN) -
(VFD1) - (VFD2)
C2
+VIN
C1
2
3
4
VOUT = -VIN
C4
D1
D1, D2 = 1N4148
C3
D2
Figure 3. Combined Doubler and Inverter
PART
NUMBER
OUTPUT
CURRENT
(mA)
OUTPUT
RESISTANCE
(
Ω)
SWITCHING
FREQUENCY
(kHz)
MAX660
100
6.5
5/40
MAX665
100
6.5
5/40
MAX860
50
12
6/50/130
MAX861
50
12
13/100/250
ICL7660
10
55
5
Table 5. Product Selection Guide
TRANSISTOR COUNT: 101
SUBSTRATE CONNECTED TO VDD
VDD
SHDN
OUT
LV
FC
C1+
GND
C1-
0.084"
(2.13mm)
0.058"
(1.47mm)
___________________Chip Topography


Similar Part No. - MAX861IUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX861IUA MAXIM-MAX861IUA Datasheet
184Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 3; 8/13
MAX861IUA MAXIM-MAX861IUA Datasheet
174Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
MAX861IUA-T MAXIM-MAX861IUA-T Datasheet
184Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 3; 8/13
More results

Similar Description - MAX861IUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX860 MAXIM-MAX860_V01 Datasheet
174Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
MAX861IUA-T MAXIM-MAX861IUA-T Datasheet
184Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 3; 8/13
MAX1680 MAXIM-MAX1680 Datasheet
103Kb / 12P
   125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 0; 7/97
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com