Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX815CSA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX815CSA
Description  짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX815CSA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX815CSA Datasheet HTML 6Page - Maxim Integrated Products MAX815CSA Datasheet HTML 7Page - Maxim Integrated Products MAX815CSA Datasheet HTML 8Page - Maxim Integrated Products MAX815CSA Datasheet HTML 9Page - Maxim Integrated Products MAX815CSA Datasheet HTML 10Page - Maxim Integrated Products MAX815CSA Datasheet HTML 11Page - Maxim Integrated Products MAX815CSA Datasheet HTML 12Page - Maxim Integrated Products MAX815CSA Datasheet HTML 13Page - Maxim Integrated Products MAX815CSA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Reset Threshold
The MAX814/MAX815 have fixed, factory-set reset
thresholds, signified by the first suffix letter in the part
number (see Figure 7 for more information on reset
ranges). The MAX816 has an adjustable reset threshold.
MAX814/MAX815 K-suffix parts have a minimum reset
threshold set to 4.75V, worst case. They are intended
for 5.0V systems with a ±4% or better power-supply tol-
erance design that must meet worst-case system para-
meters over time, temperature, line, and load variations.
Typically, the reset threshold (VRT) is greater than or
equal to the minimum IC operating voltage (VICMIN).
The “K” series 1%-tolerance reset threshold allows a
larger range of power-supply tolerance. System ICs
that have a tight operating supply range, like the
386/486 µPs, need a RESET initiated at a minimum
threshold of 4.75V, worst case.
L-suffix parts have a minimum reset threshold set to
4.65V, worst case. They are intended for 5.0V systems
with a ±5% power-supply tolerance. Typically, the reset
threshold is less than or equal to the minimum power-
supply voltage, allowing system operation over the
complete power-supply range. A reset is initiated at
4.75V maximum. The 1% “L” version maximizes the
System IC Guard-Band Range.
N-suffix parts have a minimum reset threshold set to
4.50V, worst case. They are intended for 5.0V systems
with a ±10% IC system. Typically, the reset threshold
±1% Accuracy, Low-Power, +3V and +5V
µP Supervisory Circuits
10
______________________________________________________________________________________
4.5
4.75
4.85
5.0
5.25
5.5V
IC OPERATING RANGE
RESET LIMITS “K”
(4.8V ±1%)
POWER-SUPPLY RANGE
(5.05V ±2%)
VRT > VIC(MIN)
DESIGNED TO MEET WORST-
CASE DESIGN PARAMETERS.
4.5
4.75
4.65
5.0
5.25
5.5V
IC OPERATING RANGE
RESET LIMITS “L”
(4.7V ±1%)
POWER-SUPPLY RANGE
(5V ±5%)
VRT < VPS(MIN)
DESIGNED TO ALLOW OPERATION
OVER THE FULL POWER-SUPPLY RANGE.
4.5
4.75
4.60
5.0
5.25
5.5V
IC OPERATING RANGE
RESET LIMITS “N”
(4.55V ±1%)
POWER-SUPPLY RANGE
(5V ±5%)
VRT > VIC(MIN)
DESIGNED TO MEET WORST-
CASE DESIGN PARAMETERS.
3.0
3.06
3.3
3.6V
IC OPERATING RANGE
RESET LIMITS “T”
(3.03V ±1%)
POWER-SUPPLY RANGE
(3.33V ±0.26%)
VRT > VIC(MIN)
DESIGNED TO MEET WORST-
CASE DESIGN PARAMETERS.
Figure 7a. K Suffix Design Range
Figure 7b. L Suffix Design Range
Figure 7c. N Suffix Design Range
Figure 7d. T Suffix Design Range


Similar Part No. - MAX815CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX815CSA MAXIM-MAX815CSA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
More results

Similar Description - MAX815CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX814 MAXIM-MAX814_05 Datasheet
533Kb / 16P
   ±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits
Rev 1; 12/05
MAX814KCSA MAXIM-MAX814KCSA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
MAX706 MAXIM-MAX706 Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
MAX801L MAXIM-MAX801L Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com