Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





MAX877 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX877
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
_______________General Description
The MAX877/MAX878/MAX879 are pulse-skipping, step-
up/step-down DC-DC converters that provide a regulated
output from inputs both above and below the output. They
require only three external components—an inductor
(typically 22µH) and two filter capacitors.
The MAX877 delivers a regulated 5V output from 2.5V to
6.2V inputs. The MAX878 generates pin-selectable volt-
ages of 3.0V or 3.3V from 1.5V to 6.2V inputs. The MAX879
output can be adjusted from 2.5V to 6V via an external
resistor divider from 2.5V to 6.2V inputs.
A unique high-power, internal, synchronous rectifier design
(Active Rectifier™) enables the devices to regulate in a
switched linear mode if the input voltage is higher than the
desired output voltage. When the input voltage falls below
the output voltage, the MAX877/MAX878/MAX879 will
smoothly switch into a pulse-skipping boost mode and
step up from input voltages as low as 1V. In shutdown, the
active rectifier disconnects the output from the source. This
stops the current drain from input to output associated with
conventional step-up converters.
High-frequency operation (up to 300kHz) allows the use of
small surface-mount inductors. Supply current is 195µA
under no load, and only 20µA in shutdown mode. For 1-cell
(1V) step-up converters with similar performance and the
same pinout, refer to the MAX777/MAX778/MAX779 data
sheet.
________________________Applications
Two or Three NiCd Cells to 3V/3.3V Conversion
Three or Four Alkaline Cells to 5V Conversion
One Lithium Cell to 3V/3.3V Conversion
Pagers
Palmtop and Notebook Computers
Battery-Powered and Hand-Held Instruments
____________________________Features
o Regulates from Inputs Above & Below the Output
o 1V to 6.2V Supply-Voltage Range
o Internal 1A Active Rectifier with Input-to-Output
Disconnect in Shutdown
o Up to 210mA Load Currents, Guaranteed
o 85% Efficiency
o Only 3 External Components
o Adjustable Current Limit
o 195µA Quiescent Supply Current
o 20µA Shutdown Supply Current
o 3V/3.3V/5V and Adjustable Output Voltage Versions
o Available in 8-Pin DIP and SO Packages
______________Ordering Information
Ordering Information continued on last page.
* Contact factory for dice specifications.
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
________________________________________________________________
Maxim Integrated Products
1
INPUT
1.8V TO 6.2V
IN
ILIM
SHDN
100µF
OUTPUT
3.3V
210mA
AGND
MAX878
LX
OUT
PGND
22µH
ON/OFF
22
µF
1
2
7
8
3
6
5
SEL
4
__________________Pin Configuration
1
2
3
4
DIP/SO
TOP VIEW
MAX877
MAX878
MAX879
8
7
6
5
N.C. (MAX877)*
SHDN
OUT
LX
ILIM
IN
AGND
PGND
* SEL (MAX878), FB (MAX879)
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0204; Rev 1; 5/94
PART
TEMP. RANGE
PIN-PACKAGE
MAX877CPA
0°C to +70°C
8 Plastic DIP
MAX877CSA
0°C to +70°C
8 SO
MAX877C/D
0°C to +70°C
Dice*
MAX877ESA
-40°C to +85°C
8 SO
MAX877EPA
-40°C to +85°C
8 Plastic DIP
MAX877MJA
-55°C to +125°C
8 CERDIP
™ Active Rectifier is a trademark of Maxim Integrated Products.
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST763A3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS 1 2 3 4 5 MoreSTMicroelectronics
IMS77 Watt DC-DC Converters 1 2 3 4 Power-One
NMA-1Isolated 1W Dual Output DC-DC Converters 1 2 C&D Technologies
IRF7811WPower MOSFET for DC-DC Converters 1 2 3 4 5 MoreInternational Rectifier
MAX1674High-Efficiency Low-Supply-Current Compact Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
MAX5025500kHz 36V Output SOT23 PWM Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
PTH05050DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
71128Simple Solution for Dynamically Programming the Output Voltage of DC-DC Converters 1 2 3 4 5 MoreVishay Siliconix
NXI15081 A DC-DC Non-Isolated Converters 1 2 3 Artesyn Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl