Electronic Components Datasheet Search
Selected language     English  ▼


MAX877 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part No. MAX877
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 10 page
background image
Layout
The MAX877/MAX878/MAX879’s high peak currents
and high-frequency operation make PC layout impor-
tant for minimum ground bounce and noise. Locate
input bypass and output filter capacitors close to the
device pins. All connections to the FB pin (MAX879)
should also be kept as short as possible. A ground
plane is recommended. Solder AGND (pin 3) and
PGND (pin 4) directly to the ground plane. Refer to the
MAX877/MAX878/MAX879 evaluation kit (EV kit) manu-
al for a suggested surface-mount layout.
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
10
______________________________________________________________________________________
Table 1. Component Suppliers
INDUCTORS
CAPACITORS
Sumida
CD54-220 (22µH)
Murata-Erie
LQHYN1501K04M00-D5 (15µH)
CoilCraft DO3316-223 (22µH)
Coiltronics
CTX20-1 (22µH)
Sprague
595D
Sprague
695D
Matsuo
267 series
AVX
TPS series
Surface Mount
Sanyo
OS-CON
(low-ESR organic
semiconductor)
Sumida
RCH654-220 (22µH)
Miniature
Through-Hole
PRODUCTION METHOD
Nichicon
PL series
(low-ESR electrolytic)
United Chemi-Con
LXF series
Renco
RL 1284-22 (22µH)
CoilCraft
PCH-27-223 (22µH)
Low-Cost
Through-Hole
FAX (207) 283-1941
FAX (708) 639-1469
FAX (407) 241-9339
FAX (714) 960-6492
FAX (814) 238-0490
FAX (708) 843-2798
FAX (81) 7-5256-4158
FAX (516) 586-5562
FAX (619) 661-1055
FAX (0720) 70-1174
FAX (603) 224-1430
FAX (708) 956-0702
FAX (81) 2070-1174
FAX (714) 255-9400
(207) 282-5111
(708) 639-6400
(407) 241-7876
(714) 969-2491
(06) 332-0871
(800) 831-9172
(708) 843-7500
(81) 7-5231-8461
(516) 586-5566
(619) 661-6835
(0720) 70-1005
(603) 224-1961
(708) 956-0666
(81) 3607-5111
(714) 255-9500
USA:
USA:
USA:
USA:
Japan:
USA:
USA:
Japan:
USA:
USA:
Japan:
USA:
USA:
Japan:
USA:
AVX
CoilCraft
Coiltronics
Matsuo
Murata-Erie
Nichicon
Renco
Sanyo
Sprague
Sumida
United Chemi-Con




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST763A3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS 1 2 3 4 5 MoreSTMicroelectronics
IMS77 Watt DC-DC Converters 1 2 3 4 Power-One
NMA-1Isolated 1W Dual Output DC-DC Converters 1 2 C&D Technologies
IRF7811WPower MOSFET for DC-DC Converters 1 2 3 4 5 MoreInternational Rectifier
MAX1674High-Efficiency Low-Supply-Current Compact Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
MAX5025500kHz 36V Output SOT23 PWM Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
PTH05050DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
71128Simple Solution for Dynamically Programming the Output Voltage of DC-DC Converters 1 2 3 4 5 MoreVishay Siliconix
NXI15081 A DC-DC Non-Isolated Converters 1 2 3 Artesyn Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl