Electronic Components Datasheet Search
Selected language     English  ▼


MAX877 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part No. MAX877
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 11 page
background image
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
______________________________________________________________________________________
11
__Ordering Information (continued)
___________________Chip Topography
SHDN
OUT
IN
AGND
PGND
ILIM
VREF
N.C. (MAX877)
SEL (MAX878)
FB (MAX879)
LX
0.084"
(2.134mm)
0.068"
(1.727mm)
TRANSISTOR COUNT: 170
SUBSTRATE CONNECTED TO AGND
PART
TEMP. RANGE
PIN-PACKAGE
MAX878CPA
0°C to +70°C
8 Plastic DIP
MAX878CSA
0°C to +70°C
8 SO
MAX878C/D
0°C to +70°C
Dice*
MAX878ESA
-40°C to +85°C
8 SO
MAX878EPA
-40°C to +85°C
8 Plastic DIP
MAX878MJA
-55°C to +125°C
8 CERDIP
MAX879CPA
0°C to +70°C
8 Plastic DIP
MAX879CSA
0°C to +70°C
8 SO
MAX879C/D
0°C to +70°C
Dice*
MAX879EPA
-40°C to +85°C
8 Plastic DIP
MAX879ESA
-40°C to +85°C
8 SO
MAX879MJA
-55°C to +125°C
8 CERDIP
* Contact factory for dice specifications.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST763A3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS 1 2 3 4 5 MoreSTMicroelectronics
IMS77 Watt DC-DC Converters 1 2 3 4 Power-One
NMA-1Isolated 1W Dual Output DC-DC Converters 1 2 C&D Technologies
IRF7811WPower MOSFET for DC-DC Converters 1 2 3 4 5 MoreInternational Rectifier
MAX1674High-Efficiency Low-Supply-Current Compact Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
MAX5025500kHz 36V Output SOT23 PWM Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
PTH05050DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
71128Simple Solution for Dynamically Programming the Output Voltage of DC-DC Converters 1 2 3 4 5 MoreVishay Siliconix
NXI15081 A DC-DC Non-Isolated Converters 1 2 3 Artesyn Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl