Electronic Components Datasheet Search
Selected language     English  ▼


MAX877 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. MAX877
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 12 page
background image
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
12
______________________________________________________________________________________
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
________________________________________________________Package Information
C
A
A2
E1
D
E
eA
eB
A3
B1
B
DIM
A
A1
A2
A3
B
B1
C
D
D1
E
E1
e
eA
eB
L
α
MIN
0.015
0.125
0.055
0.016
0.050
0.008
0.348
0.005
0.300
0.240
0.115
MAX
0.200
0.175
0.080
0.022
0.065
0.012
0.390
0.035
0.325
0.280
0.400
0.150
15˚
MIN
0.38
3.18
1.40
0.41
1.27
0.20
8.84
0.13
7.62
6.10
2.92
MAX
5.08
4.45
2.03
0.56
1.65
0.30
9.91
0.89
8.26
7.11
10.16
3.81
15˚
INCHES
MILLIMETERS
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
A1
L
D1
e
21-324A
α
8-PIN PLASTIC
DUAL-IN-LINE
PACKAGE
L
DIM
A
A1
B
C
D
E
e
H
h
L
α
MIN
0.053
0.004
0.014
0.007
0.189
0.150
0.228
0.010
0.016
MAX
0.069
0.010
0.019
0.010
0.197
0.157
0.244
0.020
0.050
MIN
1.35
0.10
0.35
0.19
4.80
3.80
5.80
0.25
0.40
MAX
1.75
0.25
0.49
0.25
5.00
4.00
6.20
0.50
1.27
INCHES
MILLIMETERS
α
8-PIN PLASTIC
SMALL-OUTLINE
PACKAGE
H
E
D
e
A
A1
C
h x 45˚
0.127mm
0.004in.
B
1.27 BSC
0.050 BSC
21-325A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST763A3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS 1 2 3 4 5 MoreSTMicroelectronics
IMS77 Watt DC-DC Converters 1 2 3 4 Power-One
NMA-1Isolated 1W Dual Output DC-DC Converters 1 2 C&D Technologies
IRF7811WPower MOSFET for DC-DC Converters 1 2 3 4 5 MoreInternational Rectifier
MAX1674High-Efficiency Low-Supply-Current Compact Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
MAX5025500kHz 36V Output SOT23 PWM Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
PTH05050DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
71128Simple Solution for Dynamically Programming the Output Voltage of DC-DC Converters 1 2 3 4 5 MoreVishay Siliconix
NXI15081 A DC-DC Non-Isolated Converters 1 2 3 Artesyn Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl