Selected language     English  ▼


MAX877 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX877
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 2 page
background image
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (IN to PGND) .......................................0V to +7V
Output Short-Circuit Duration to PGND, AGND (Note 1)....30sec
Voltage Applied to:
LX (switch off).......................................................-0.3V to +7V
(switch on) ...................................30sec short to IN or OUT
OUT,
S
H
D
N...........................................................-0.3V to +7V
FB ..........................................................-0.3V to (OUT + 0.3V)
AGND to PGND ........................................................-0.3V, +0.3V
Reverse Battery Current....................................................900mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Operating Temperature Ranges:
MAX87_C_A ........................................................0°C to +70°C
MAX87_E_A .....................................................-40°C to +85°C
MAX87_MJA ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS
(VIN = 2.7V, ILOAD = 0mA, LX = 22µH, COUT = 100µF,
S
H
D
N and ILIM connected to IN, AGND connected to PGND,
TA = TMIN to TMAX, typical values are at TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SEL = 0V
CONDITIONS
MIN
TYP
MAX
Output Voltage
(MAX879 set to
3.3V)
(Note 3)
V
UNITS
MAX878/MAX879 (VOUT = 3.3V), ILOAD = 100mA, VIN = 2.5V
MAX877/MAX879 (VOUT = 5V), ILOAD = 100mA, VIN = 4V
MAX879, ILOAD = 0mA (Note 4)
SEL = Open
0V <
S
H
D
N
< VIN
VIN <
S
H
D
N
< 5V
S
H
D
N
= 0V
20
35
µA
Efficiency
MAX87_C, MAX87_E
Output Voltage Range
S
H
D
N
Bias Current
MAX87_M
Maximum Operating Voltage
(Notes 2, 3)
6.2
V
Shutdown Supply Current
15
100
nA
Output Voltage
(MAX879 set to 5V)
(Note 3)
MAX877C/MAX879C: 0mA
≤ ILOAD ≤ 240mA,
2.7V
≤ VIN ≤ 6.2V;
MAX877E/MAX879E: 0mA
≤ ILOAD ≤ 220mA,
2.7V
≤ VIN ≤ 6.2V;
MAX877M/MAX879M: 0mA
≤ ILOAD ≤ 180mA,
2.7V
≤ VIN ≤ 6.2V
4.80
5.00
5.20
V
MAX878C/MAX879C: 0mA
≤ ILOAD ≤ 210mA,
1.8V
≤ VIN ≤ 6.2V;
MAX878E/MAX879E: 0mA
≤ ILOAD ≤ 200mA,
1.8V
≤ VIN ≤ 6.2V;
MAX878M/MAX879M: 0mA
≤ ILOAD ≤ 180mA,
1.8V
≤ VIN ≤ 6.2V
3.17
3.30
3.43
12
40
µA
ILOAD = 0mA, TA = +25°C
1
2.88
3.00
3.12
MAX877/MAX879 (VOUT = 5V), 0mA < ILOAD < 180mA,
TA = +25°C
2.5
2.5
6.0
V
Minimum Start-Up Voltage
(Notes 2, 6)
85
MAX878/MAX879 (VOUT = 3.3V), 0mA < ILOAD < 120mA,
TA = +25°C
1.5
V
MAX878C: 0mA
≤ ILOAD ≤ 210mA, 1.8V ≤ VIN ≤ 6.2V;
MAX878E: 0mA
≤ ILOAD ≤ 200mA, 1.8V ≤ VIN ≤ 6.2V;
MAX878M: 0mA
≤ ILOAD ≤ 180mA, 1.8V ≤ VIN ≤ 6.2V
82
%
No-Load Supply Current
ILOAD = 0mA (switch off)
195
310
µA
20
30
Note 1: The output may be shorted to ground continuously if the package power dissipation is not exceeded.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST763A3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS 1 2 3 4 5 MoreSTMicroelectronics
IMS77 Watt DC-DC Converters 1 2 3 4 Power-One
NMA-1Isolated 1W Dual Output DC-DC Converters 1 2 C&D Technologies
IRF7811WPower MOSFET for DC-DC Converters 1 2 3 4 5 MoreInternational Rectifier
MAX1674High-Efficiency Low-Supply-Current Compact Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
MAX5025500kHz 36V Output SOT23 PWM Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
PTH05050DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
71128Simple Solution for Dynamically Programming the Output Voltage of DC-DC Converters 1 2 3 4 5 MoreVishay Siliconix
NXI15081 A DC-DC Non-Isolated Converters 1 2 3 Artesyn Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl