Selected language     English  ▼


MAX877 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX877
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 3 page
background image
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 2.7V, ILOAD = 0mA, LX = 22µH, COUT = 100µF,
S
H
D
N
and ILIM connected to IN, AGND connected to PGND,
TA = TMIN to TMAX, typical values are at TA = +25°C, unless otherwise noted.)
Note 2: Output in regulation, VOUT = VOUT (nominal) ±4%.
Note 3: At high VIN to VOUT differentials, the maximum load current is limited by the maximum allowable power dissipation in the
package (see
Absolute Maximum Ratings and Maximum Output Current graphs in the Typical Operating Characteristics).
Note 4: Minimum value is production tested. Maximum value is guaranteed by design and is not production tested.
Note 5: VOUT is set to a target value of 5V by 0.1% external feedback resistors. VOUT is measured to be within 5V ±2.5%
to guarantee error-comparator trip point.
Note 6: Startup guaranteed under these load conditions.
PARAMETER
Maximum Switch On Time
CONDITIONS
MIN
TYP
MAX
VIN = 1V
12.6
UNITS
ISW = 400mA
µs
0.275
MAX877/MAX879
Current-Limit Temperature
Coefficient
1.3
-0.3
%/°C
Current Limit
1.0
µs
Minimum Switch Off Time
ISW = 600mA
0.33
Switch Saturation Voltage
ISW = 1000mA
0.50
V
MAX878
2.3
µs
ISW = 400mA
VIN = 2.5V
4.0
0.21
VIN = 1.8V
5.9
ISW = 600mA
0.31
Rectifier Forward Voltage Drop
S
H
D
N
Threshold
ISW = 1000mA
0.50
V
VIN = 1V to 6.2V
VIN/2 +0.25
Error-Comparator Trip Point
(VREF)
MAX879, VIN = 1.8V to 5V (Note 5)
197.5
202.5
207.5
mV
FB Pin Bias Current
VIN = 2.7V
1.3
1.7
MAX879
10
40
nA
Switch Off Leakage Current
S
H
D
N
Enable Delay
0.1
150
Rectifier Off Leakage Current
0.1
µA
V
A
µA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST763A3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS 1 2 3 4 5 MoreSTMicroelectronics
IMS77 Watt DC-DC Converters 1 2 3 4 Power-One
NMA-1Isolated 1W Dual Output DC-DC Converters 1 2 C&D Technologies
IRF7811WPower MOSFET for DC-DC Converters 1 2 3 4 5 MoreInternational Rectifier
MAX1674High-Efficiency Low-Supply-Current Compact Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
MAX5025500kHz 36V Output SOT23 PWM Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
PTH05050DC-DC CONVERTERS POLA Non-isolated 1 2 3 4 Artesyn Technologies
71128Simple Solution for Dynamically Programming the Output Voltage of DC-DC Converters 1 2 3 4 5 MoreVishay Siliconix
NXI15081 A DC-DC Non-Isolated Converters 1 2 3 Artesyn Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl