Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX877ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX877ESA
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX877ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX877ESA Datasheet HTML 4Page - Maxim Integrated Products MAX877ESA Datasheet HTML 5Page - Maxim Integrated Products MAX877ESA Datasheet HTML 6Page - Maxim Integrated Products MAX877ESA Datasheet HTML 7Page - Maxim Integrated Products MAX877ESA Datasheet HTML 8Page - Maxim Integrated Products MAX877ESA Datasheet HTML 9Page - Maxim Integrated Products MAX877ESA Datasheet HTML 10Page - Maxim Integrated Products MAX877ESA Datasheet HTML 11Page - Maxim Integrated Products MAX877ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Layout
The MAX877/MAX878/MAX879’s high peak currents
and high-frequency operation make PC layout impor-
tant for minimum ground bounce and noise. Locate
input bypass and output filter capacitors close to the
device pins. All connections to the FB pin (MAX879)
should also be kept as short as possible. A ground
plane is recommended. Solder AGND (pin 3) and
PGND (pin 4) directly to the ground plane. Refer to the
MAX877/MAX878/MAX879 evaluation kit (EV kit) manu-
al for a suggested surface-mount layout.
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
10
______________________________________________________________________________________
Table 1. Component Suppliers
INDUCTORS
CAPACITORS
Sumida
CD54-220 (22µH)
Murata-Erie
LQHYN1501K04M00-D5 (15µH)
CoilCraft DO3316-223 (22µH)
Coiltronics
CTX20-1 (22µH)
Sprague
595D
Sprague
695D
Matsuo
267 series
AVX
TPS series
Surface Mount
Sanyo
OS-CON
(low-ESR organic
semiconductor)
Sumida
RCH654-220 (22µH)
Miniature
Through-Hole
PRODUCTION METHOD
Nichicon
PL series
(low-ESR electrolytic)
United Chemi-Con
LXF series
Renco
RL 1284-22 (22µH)
CoilCraft
PCH-27-223 (22µH)
Low-Cost
Through-Hole
FAX (207) 283-1941
FAX (708) 639-1469
FAX (407) 241-9339
FAX (714) 960-6492
FAX (814) 238-0490
FAX (708) 843-2798
FAX (81) 7-5256-4158
FAX (516) 586-5562
FAX (619) 661-1055
FAX (0720) 70-1174
FAX (603) 224-1430
FAX (708) 956-0702
FAX (81) 2070-1174
FAX (714) 255-9400
(207) 282-5111
(708) 639-6400
(407) 241-7876
(714) 969-2491
(06) 332-0871
(800) 831-9172
(708) 843-7500
(81) 7-5231-8461
(516) 586-5566
(619) 661-6835
(0720) 70-1005
(603) 224-1961
(708) 956-0666
(81) 3607-5111
(714) 255-9500
USA:
USA:
USA:
USA:
Japan:
USA:
USA:
Japan:
USA:
USA:
Japan:
USA:
USA:
Japan:
USA:
AVX
CoilCraft
Coiltronics
Matsuo
Murata-Erie
Nichicon
Renco
Sanyo
Sprague
Sumida
United Chemi-Con


Similar Part No. - MAX877ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8770GTL++ MAXIM-MAX8770GTL+ Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8771 MAXIM-MAX8771 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8771GTL++ MAXIM-MAX8771GTL+ Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
MAX8772 MAXIM-MAX8772 Datasheet
1,023Kb / 47P
   MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
More results

Similar Description - MAX877ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
   Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX830 MAXIM-MAX830 Datasheet
43Kb / 5P
   5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 6/95
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com