Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8860EUA18 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8860EUA18
Description  Low-Dropout, 300mA Linear Regulator in 關MAX
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8860EUA18 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX8860EUA18 Datasheet HTML 1Page - Maxim Integrated Products MAX8860EUA18 Datasheet HTML 2Page - Maxim Integrated Products MAX8860EUA18 Datasheet HTML 3Page - Maxim Integrated Products MAX8860EUA18 Datasheet HTML 4Page - Maxim Integrated Products MAX8860EUA18 Datasheet HTML 5Page - Maxim Integrated Products MAX8860EUA18 Datasheet HTML 6Page - Maxim Integrated Products MAX8860EUA18 Datasheet HTML 7Page - Maxim Integrated Products MAX8860EUA18 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Low-Dropout, 300mA
Linear Regulator in µMAX
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1999 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
VIN > +5.5V Minimum Load
Current Requirements
When operating the MAX8860 with an input voltage
above +5.5V, a minimum load current of 20µA is
required to maintain regulation in preset voltage mode.
When setting the output with external resistors, ensure
that the minimum current through the external feedback
resistors and load is at least 30µA. This applies only
when the input voltage exceeds +5.5V. For input volt-
ages less than +5.5V, the MAX8860 maintains regula-
tion and stability without external loading.
Applications Information
Capacitor Selection and
Regulator Stability
Typically, use a 2.2µF capacitor on the input and a
2.2µF capacitor on the output of the MAX8860.
Capacitor type is not critical, as long as it has an ESR
less than 0.5
Ω. Larger capacitor values and lower ESR
provide better supply-noise rejection and transient
response. Use higher-value capacitors (10µF) if large,
fast input or load transients are anticipated or if the
device is located several inches from the power source.
For stable operation over the full temperature range,
with load currents up to 300mA, a minimum output-
capacitor value of 2.2µF is recommended. There is no
upper limit to capacitor size. The circuit used to gener-
ate the typical operating characteristics data used
2.2µF, X7R, 16V (1206) ceramic capacitors. These
capacitors typically have an ESR of 50m
Ω.
Power-Supply Rejection and Operation
from Sources Other than Batteries
The MAX8860 is designed to deliver low dropout volt-
age and low quiescent current in battery-powered sys-
tems. Power-supply rejection is 67dB at low frequencies
and rolls off above 100kHz. At high frequencies, the out-
put capacitor is the major contributor to the rejection of
power-supply noise (see the Power-Supply Rejection
Ratio vs. Frequency graph in the Typical Operating
Characteristics).
When operating from sources other than batteries,
improve supply-noise rejection and transient response
by increasing the values of the input and output capaci-
tors, and by using passive filtering techniques (see the
supply and load-transient responses in the Typical
Operating Characteristics).
Load-Transient Considerations
The MAX8860 load-transient response graph (see
Typical Operating Characteristics) shows the output
response due to changing load current. Reduce over-
shoot by increasing the output capacitor’s value and
decreasing its ESR.
Input-Output (Dropout) Voltage
A regulator’s minimum input-output voltage differential
(or dropout voltage) determines the lowest usable supply
voltage. In battery-powered systems, this determines the
useful end-of-life battery voltage. Because the MAX8860
uses a P-channel MOSFET pass transistor, its dropout
voltage is a function of RDS(ON) (typically 0.5
Ω) multi-
plied by the load current (see Electrical Characteristics).
Chip Information
TRANSISTOR COUNT: 148


Similar Part No. - MAX8860EUA18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX886 MAXIM-MAX886 Datasheet
257Kb / 20P
   Wireless and Satellite Handset Power-Management ICs
MAX886 MAXIM-MAX886 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8862 MAXIM-MAX8862 Datasheet
129Kb / 12P
   Low-Cost, Low-Dropout, Dual Linear Regulator
MAX8862LESE MAXIM-MAX8862LESE Datasheet
129Kb / 12P
   Low-Cost, Low-Dropout, Dual Linear Regulator
MAX8862RESE MAXIM-MAX8862RESE Datasheet
129Kb / 12P
   Low-Cost, Low-Dropout, Dual Linear Regulator
More results

Similar Description - MAX8860EUA18

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com