Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8862 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8862
Description  Low-Cost, Low-Dropout, Dual Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8862 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8862 Datasheet HTML 4Page - Maxim Integrated Products MAX8862 Datasheet HTML 5Page - Maxim Integrated Products MAX8862 Datasheet HTML 6Page - Maxim Integrated Products MAX8862 Datasheet HTML 7Page - Maxim Integrated Products MAX8862 Datasheet HTML 8Page - Maxim Integrated Products MAX8862 Datasheet HTML 9Page - Maxim Integrated Products MAX8862 Datasheet HTML 10Page - Maxim Integrated Products MAX8862 Datasheet HTML 11Page - Maxim Integrated Products MAX8862 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
__________Applications Information
Power Dissipation and Operating Region
The MAX8862’s maximum power dissipation depends
on the thermal resistance of the case and circuit board,
the temperature difference between the die junction
and ambient air, and the rate of air flow.
The GND pins of the MAX8862 SO package perform
the dual function of providing an electrical connection
to ground and channeling heat away. Connect all GND
pins to ground using a large pad or ground plane.
Where this is impossible, place a copper plane on an
adjacent layer. For a given power dissipation, the pad
should exceed the associated dimensions in Figure 3.
This figure shows a typical thermal resistance for a
35µm-thick copper foil as a function of its area1.
The power dissipation across the device is given by:
P = IOUT1 (VIN1 - VOUT1) + IOUT2 (VIN2 - VOUT2).
The resulting power dissipation is as follows:
P = (TJ - TA) / (
θJB + θBA)
where (TJ - TA) is the temperature difference between
the MAX8862 die junction and the surrounding air,
θJB
(or
θJC) is the thermal resistance of the package, and
θBA is the thermal resistance through the printed circuit
board, copper traces, and other materials to the sur-
rounding air. The MAX8862’s narrow SO package has a
thermal resistance of
θJB = +50°C/W.
The MAX8862 regulators deliver the rated output cur-
rents and operate with input voltages up to 11.5V, but
not simultaneously. High output currents can only be
sustained when input-output differential voltages are
small, as shown in Figure 4.
Capacitor Selection and
Regulator Stability
Filter capacitors are required at the MAX8862’s inputs
and outputs. 1µF ceramic capacitors are required at
the inputs. The minimum output capacitance required
for stability is 3.3µF for OUT1 and 2.2µF for OUT2. The
capacitor values depend primarily on the desired
power-up time and load-transient response. Load-
transient response is improved by using larger capaci-
tor values. Input and output filter capacitors should be
soldered directly to pins to minimize lead inductance of
PC board traces.
The output capacitor’s equivalent series resistance
(ESR) affects stability and output noise. Surface-mount
ceramic capacitors have a very low ESR and are avail-
able up to 10µF. Otherwise, other low-ESR (<0.5
Ω)
capacitors should be used. If the selected capacitor’s
ESR is higher than the recommended value, the capac-
itor value should be increased proportionally to main-
tain minimum output noise under all input voltage and
output load conditions. Paralleling two or more capaci-
tors also results in lower ESR.
Low-Cost, Low-Dropout, Dual Linear Regulator
10
______________________________________________________________________________________
SUPPLY VOLTAGE (V)
2
6
3
4
5
7
8
9
10 11 12
400
0
300
200
100
350
250
150
50
(R)
(T)
(L)
OPERATING REGION AT
TA = +25°C, TJ = +125°C
MAXIMUM
SUPPLY
VOLTAGE
MAXIMUM CURRENT
(R)
(T)
(L)
0
0
PC-BOARD COPPER FOIL AREA (Cm2)
20
40
60
80
100
510
15
20
25
30
35
Figure 3. Typical Copper Thermal Resistance vs. Copper
Ground Pad Area
Figure 4. Safe Operating Regions: Main and Secondary
Regulators Maximum Output Current vs. Supply Voltage
1This graph was generated by Mr. Kieran O’Malley of Cherry Semiconductor Corp. and was published in the October 26, 1995, issue
of EDN magazine.


Similar Part No. - MAX8862

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX886 MAXIM-MAX886 Datasheet
257Kb / 20P
   Wireless and Satellite Handset Power-Management ICs
MAX886 MAXIM-MAX886 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8860 MAXIM-MAX8860 Datasheet
137Kb / 8P
   Low-Dropout, 300mA Linear Regulator in 關MAX
MAX8860EUA18 MAXIM-MAX8860EUA18 Datasheet
137Kb / 8P
   Low-Dropout, 300mA Linear Regulator in 關MAX
MAX8860EUA25 MAXIM-MAX8860EUA25 Datasheet
137Kb / 8P
   Low-Dropout, 300mA Linear Regulator in 關MAX
More results

Similar Description - MAX8862

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
[Old version datasheet]   DUAL LOW - DROPOUT LINEAR REGULATOR
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
   Dual, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com