Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV421 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV421
Description  DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV421 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV421 Datasheet HTML 7Page - Texas Instruments DRV421 Datasheet HTML 8Page - Texas Instruments DRV421 Datasheet HTML 9Page - Texas Instruments DRV421 Datasheet HTML 10Page - Texas Instruments DRV421 Datasheet HTML 11Page - Texas Instruments DRV421 Datasheet HTML 12Page - Texas Instruments DRV421 Datasheet HTML 13Page - Texas Instruments DRV421 Datasheet HTML 14Page - Texas Instruments DRV421 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Input Signal Frequency (kHz)
0.01
0.1
1
10
100
1000
10000
0
5
10
15
20
D029
Supply Voltage (V)
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
35
40
D030
Gain Error (%)
0
20
40
60
80
100
D027
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
D028
AINN Input Impedance (k:)
0
10
20
30
40
50
D025
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
D026
DRV421
www.ti.com
SBOS704A – MAY 2015 – REVISED JULY 2015
Typical Characteristics (continued)
at VDD = 5 V and TA = +25°C (unless otherwise noted)
Figure 26. Shunt Sense Amplifier AINN Input Impedance vs
Figure 25. Shunt Sense Amplifier AINN Input Impedance
Temperature
Histogram
Figure 28. Shunt Sense Amplifier Gain Error vs Temperature
Figure 27. Shunt Sense Amplifier Gain Error Histogram
Figure 29. Shunt Sense Amplifier Gain vs Frequency
Figure 30. Shunt Sense Amplifier Linearity vs Supply
Voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DRV421


Similar Part No. - DRV421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV421 TI1-DRV421 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421EVM TI1-DRV421EVM Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421RTJR TI1-DRV421RTJR Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421RTJT TI1-DRV421RTJT Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results

Similar Description - DRV421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
logo
Beijing Yaohuadechang E...
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
   Hall closed loop current sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com