Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV2700RGPT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV2700RGPT
Description  DRV2700 Industrial Piezo Driver With Integrated Boost Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV2700RGPT Datasheet(HTML) 4 Page - Texas Instruments

  DRV2700RGPT Datasheet HTML 1Page - Texas Instruments DRV2700RGPT Datasheet HTML 2Page - Texas Instruments DRV2700RGPT Datasheet HTML 3Page - Texas Instruments DRV2700RGPT Datasheet HTML 4Page - Texas Instruments DRV2700RGPT Datasheet HTML 5Page - Texas Instruments DRV2700RGPT Datasheet HTML 6Page - Texas Instruments DRV2700RGPT Datasheet HTML 7Page - Texas Instruments DRV2700RGPT Datasheet HTML 8Page - Texas Instruments DRV2700RGPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
DRV2700
SLOS861B – MARCH 2015 – REVISED APRIL 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
VDD
–0.3
6
V
Input voltage
IN+, IN–, EN, GAIN0, GAIN1, FB
–0.3
VDD + 0.3
V
Boost/Output Voltage
PVDD, SW, OUT+, OUT–
120
V
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
Operating free-air temperature, TA
–40
85
°C
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins
±2500
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
±1500
all pins
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
VDD
3
5.5
V
V(BST)
Boost voltage
BST
15
105
V
VID
Differential input voltage
IN+, IN–
1.8(1)
V
VIL
Digital input low voltage
EN, GAIN0, GAIN1; VDD = 3.6 V
0.75
V
VIH
Digital input high voltage
EN, GAIN0, GAIN1; VDD = 3.6 V
1.4
V
R(REXT)
Current-limit control resistor
6
35
k
Ω
L
Inductance for boost converter
3.3
µH
(1)
Gains are optimized for a 1.8-V peak input
7.4 Thermal Information
RGP (VQFN)
THERMAL METRIC(1)
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
33.1
RθJC(top)
Junction-to-case (top) thermal resistance
30.9
RθJB
Junction-to-board thermal resistance
8.7
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
8.7
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV2700


Similar Part No. - DRV2700RGPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201 TI1-DRV201 Datasheet
972Kb / 29P
[Old version datasheet]   DRV201 Voice Coil Motor Driver for Camera Auto Focus
DRV201A TI-DRV201A Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
DRV201AYMBR TI-DRV201AYMBR Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
DRV201AYMBRB TI-DRV201AYMBRB Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
More results

Similar Description - DRV2700RGPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8662 TI1-DRV8662 Datasheet
54Kb / 2P
[Old version datasheet]   Piezo Haptic Driver with Integrated Boost Converter
JUNE2011
DRV8662 TI1-DRV8662_12 Datasheet
367Kb / 4P
[Old version datasheet]   Piezo Haptic Driver with Integrated Boost Converter
DRV2665 TI-DRV2665 Datasheet
571Kb / 8P
[Old version datasheet]   Piezo Haptic Driver with Integrated Boost Converter and Digital Front End
logo
Diodes Incorporated
PAM8907 DIODES-PAM8907 Datasheet
695Kb / 10P
   31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
May 2021
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
   Dual Full-Bridge Piezo Driver with 900mA Boost Converter
LT3469 LINER-LT3469_15 Datasheet
167Kb / 8P
   Piezo Microactuator Driver with Boost Regulator
LT3469 LINER-LT3469 Datasheet
164Kb / 8P
   Piezo Microactuator Driver with Boost Regulator
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
   Piezo and LED Driver with Synchronous Boost DC/DC Converter
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com