Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8866TEUA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8866TEUA
Description  Dual, Low-Dropout, 100mA Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8866TEUA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8866TEUA Datasheet HTML 1Page - Maxim Integrated Products MAX8866TEUA Datasheet HTML 2Page - Maxim Integrated Products MAX8866TEUA Datasheet HTML 3Page - Maxim Integrated Products MAX8866TEUA Datasheet HTML 4Page - Maxim Integrated Products MAX8866TEUA Datasheet HTML 5Page - Maxim Integrated Products MAX8866TEUA Datasheet HTML 6Page - Maxim Integrated Products MAX8866TEUA Datasheet HTML 7Page - Maxim Integrated Products MAX8866TEUA Datasheet HTML 8Page - Maxim Integrated Products MAX8866TEUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Dual, Low-Dropout, 100mA Linear Regulators
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VIN = +3.6V, CIN = 2µF, COUT = 1µF, SHDN2 = GND, MAX886_S, TA = +25°C, unless otherwise noted.)
3.00
2.70
020 30
10
60 70
100
OUTPUT VOLTAGE
vs. LOAD CURRENT
2.75
2.95
2.90
LOAD CURRENT (mA)
40 50
80 90
2.85
2.80
VOUT1
180
020
10
60 70
100
SUPPLY CURRENT
vs. LOAD CURRENT
140
160
120
LOAD CURRENT (mA)
30 40 50
80 90
100
60
80
SHDN2 = VIN, ILOAD2 = 50mA
SHDN2 = GND
3.5
0
01
4
6
OUTPUT VOLTAGE
vs. INPUT VOLTAGE
1.0
0.5
3.0
2.5
INPUT VOLTAGE (V)
23
5
2.0
1.5
VOUT1
NO LOAD
100
0
01
4
6
SUPPLY CURRENT
vs. INPUT VOLTAGE
30
20
10
80
90
70
INPUT VOLTAGE (V)
23
5
60
40
50
ILOAD1 = 50mA
ILOAD1 = 0mA
ONE REGULATOR ENABLED, NO LOAD
180
60
-40
-20
40
80
SUPPLY CURRENT
vs. TEMPERATURE
100
80
160
140
TEMPERATURE (°C)
020
60
120
SHDN2 = VIN
ILOAD1 = ILOAD2 = 50mA
SHDN2 = GND
ILOAD1 = 50mA
200
0
01
4
6
TOTAL SUPPLY CURRENT
vs. INPUT VOLTAGE
60
40
20
160
180
140
INPUT VOLTAGE (V)
23
5
120
80
100
ILOAD1 = ILOAD2 = 50mA
ILOAD1 = ILOAD2 = 0mA
SHDN1 = SHDN2 = VIN
3.0
2.7
-40
-20
40
80
OUTPUT VOLTAGE
vs. TEMPERATURE
2.8
TEMPERATURE (°C)
020
60
2.9
0
60
40
20
80
100
120
140
0
20
60
100
DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
40
80
10
30
70
50
90
TA = +85°C
TA = +25°C
TA = -40°C
110
FREQUENCY (kHz)
80
70
60
50
40
30
10
20
0
100
1000
0.10
0.01
VOUT = 2.84V
RL = 55Ω
COUT = 10µF
COUT = 1µF
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY


Similar Part No. - MAX8866TEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8866TEUA MAXIM-MAX8866TEUA Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results

Similar Description - MAX8866TEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
logo
Global Mixed-mode Techn...
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9092 GMT-G9092 Datasheet
42Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9294 GMT-G9294 Datasheet
50Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
G9293 GMT-G9293 Datasheet
74Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com