Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX857 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX857
Description  3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX857 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX857 Datasheet HTML 4Page - Maxim Integrated Products MAX857 Datasheet HTML 5Page - Maxim Integrated Products MAX857 Datasheet HTML 6Page - Maxim Integrated Products MAX857 Datasheet HTML 7Page - Maxim Integrated Products MAX857 Datasheet HTML 8Page - Maxim Integrated Products MAX857 Datasheet HTML 9Page - Maxim Integrated Products MAX857 Datasheet HTML 10Page - Maxim Integrated Products MAX857 Datasheet HTML 11Page - Maxim Integrated Products MAX857 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
3.3V/5V or Adjustable-Output,
Step-Up DC-DC Converters
______________________________________________________________________________________
11
__Ordering Information (continued)
___________________Chip Topography
TRANSISTOR COUNT: 357;
SUBSTRATE CONNECTED TO OUT.
8 CERDIP
-55°C to +125°C
MAX859MJA
8 SO
-40°C to +85°C
MAX859ESA
Dice*
0°C to +70°C
MAX859C/D
8 µMAX
0°C to +70°C
MAX859CUA
8 SO
0°C to +70°C
MAX859CSA
8 CERDIP
-55°C to +125°C
MAX858MJA
8 SO
-40°C to +85°C
MAX858ESA
Dice*
0°C to +70°C
MAX858C/D
8 µMAX
0°C to +70°C
MAX858CUA
8 SO
0°C to +70°C
MAX858CSA
PIN-PACKAGE
TEMP. RANGE
PART
GND
LBI
OUT
3/5 OR FB*
REF
LX
0.084"
(2.1336mm)
0.058"
(1.4732mm)
SHDN
LBO
*3/5 FOR MAX856/MAX858; FB FOR MAX857/MAX859.
* Dice are tested at TA = +25°C only.
Contact factory for availability.
Table 2. Surface-Mount Inductor Information
MANUFACTURER PART
INDUCTANCE
(
mH)
RESISTANCE
(
W)
RATED CURRENT
(A)
HEIGHT
(mm)
Sumida CDR105B-470
47
0.14
1.0
5.0
Sumida CDR74B-470
47
0.27
0.8
4.5
Sumida CD43-470
47
0.85
0.540
3.2
Sumida CD43-220
22
0.38
0.760
3.2
Murata-Erie LQH4N220
22
0.94
0.320
2.6
Murata-Erie LQH4N470
47
1.5
0.220
2.6
Murata-Erie LQH1N220
22
3.1
0.85
1.8
TDK NLC322522T-220K
22
1.15
0.210
2.2
TDK NLC322522T-470K
47
2.25
0.150
2.2
Coiltronics CTX20-1
20
0.175
1.15
4.2
Coilcraft DT1608-223
22
0.16
0.500
3.2


Similar Part No. - MAX857

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570 MAXIM-MAX8570 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570ELT+T MAXIM-MAX8570ELT+T Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
More results

Similar Description - MAX857

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
   3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
   Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
   5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
logo
Linear Technology
LT1302 LINER-LT1302_15 Datasheet
323Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com