Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVX6012PBF Datasheet(PDF) 3 Page - International Rectifier

Part # PVX6012PBF
Description  High load current capacity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVX6012PBF Datasheet(HTML) 3 Page - International Rectifier

  PVX6012PBF Datasheet HTML 1Page - International Rectifier PVX6012PBF Datasheet HTML 2Page - International Rectifier PVX6012PBF Datasheet HTML 3Page - International Rectifier PVX6012PBF Datasheet HTML 4Page - International Rectifier PVX6012PBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series PVX6012PbF
3
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 09, 2015
Figure 1. Current Derating Curve
Figure 2. Surge Current Capability
Figure 3. Ouput Characteristics
Figure 4. Typical Normalized VCEON
Figure 5. Typical Normalized Off-State Leakage
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Voltage Drop (Vdd)
0
5
10
15
20
25
0.01
0.02
0.05
0.1
0.5
1
5
10
Surge Duration (Sec.)
0.9
0.95
1
1.05
1.1
-50
-25
0
25
50
75
100
125
Ambient Temperature (deg.C)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
20
40
60
80
100
Am bient Tem perature (deg. C)
0.1
10
1000
-35
-15
5
25
45
65
85
105
Ambient Temperature (deg. C)
Figure 6. Input Characteristics
(Current Controlled)


Similar Part No. - PVX6012PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVX6012PBF IRF-PVX6012PBF Datasheet
1Mb / 4P
   IGBT Photovoltaic Relay Single Pole, Normally Open, 0-280VAC (RMS) or 0-400VDC, 1.0A AC/DC
More results

Similar Description - PVX6012PBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
71-108221-2 ETC2-71-108221-2 Datasheet
397Kb / 3P
   High current capacity control
logo
Bourns Electronic Solut...
1110-1R0M-RC BOURNS-1110-1R0M-RC Datasheet
472Kb / 1P
   Very high current capacity
1120-1R0M-RC BOURNS-1120-1R0M-RC Datasheet
432Kb / 1P
   Very high current capacity
logo
List of Unclassifed Man...
SB4011NCMC ETC2-SB4011NCMC Datasheet
144Kb / 6P
   Electrical Capacity (Resistive Load)
logo
DIYI Electronic Technol...
SK34L DYELEC-SK34L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Littelfuse
MHP-TAT18 LITTELFUSE-MHP-TAT18 Datasheet
542Kb / 4P
   High current capacity, low resistance
logo
Panasonic Semiconductor
AQY272 PANASONIC-AQY272 Datasheet
87Kb / 4P
   Flat Power-DIP4-pin type with high capacity up to 2A load current
logo
DIYI Electronic Technol...
SK54L DYELEC-SK54L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
Shanghai Leiditech Elec...
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com