Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDHA710FR10A1NX Datasheet(PDF) 4 Page - International Rectifier

Part # RDHA710FR10A1NX
Description  Hermetically Sealed Ceramic Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RDHA710FR10A1NX Datasheet(HTML) 4 Page - International Rectifier

  RDHA710FR10A1NX_15 Datasheet HTML 1Page - International Rectifier RDHA710FR10A1NX_15 Datasheet HTML 2Page - International Rectifier RDHA710FR10A1NX_15 Datasheet HTML 3Page - International Rectifier RDHA710FR10A1NX_15 Datasheet HTML 4Page - International Rectifier RDHA710FR10A1NX_15 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.irf.com
RDHA710FR10A1NK
Case Outline and Dimensions
- Package - 22 Pin Flat Pack
Notes
1. Dimensioning and Tolerancing per ASME Y14.5SM-1994
2. Controlling Dimension: Inch
3. Dimensions are shown in inches
4. Tolerances are +/- 0.005 UOS


Similar Part No. - RDHA710FR10A1NX_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
   Radiation Hardended, 100V Single 10A, Solid State Relay
More results

Similar Description - RDHA710FR10A1NX_15

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX3SMAT EUROQUARTZ-CX3SMAT Datasheet
124Kb / 1P
   Hermetically sealed ceramic package
CX6SMAT EUROQUARTZ-CX6SMAT Datasheet
117Kb / 1P
   Hermetically sealed ceramic package
logo
International Rectifier
RDHA701CD10A2NX IRF-RDHA701CD10A2NX_15 Datasheet
127Kb / 5P
   Hermetically Sealed Ceramic Package
logo
MMD Components
MLH3 MMD-MLH3 Datasheet
104Kb / 2P
   Hermetically Sealed Ceramic SMD Package
MVIH2 MMD-MVIH2 Datasheet
112Kb / 2P
   Hermetically Sealed Ceramic SMD Package
MVIH5 MMD-MVIH5 Datasheet
112Kb / 2P
   Hermetically Sealed Ceramic SMD Package
logo
EUROQUARTZ limited
CX-1-03AT EUROQUARTZ-CX-1-03AT Datasheet
93Kb / 1P
   Low profile, hermetically sealed ceramic package
logo
Marktech Corporate
MTE4047W-UB MARKTECH-MTE4047W-UB Datasheet
435Kb / 3P
   Hermetically Sealed Package
logo
International Rectifier
RDHA710SE10A2FK IRF-RDHA710SE10A2FK_15 Datasheet
121Kb / 7P
   Hermetically Sealed Package
RDHA710SE10A2SK IRF-RDHA710SE10A2SK_15 Datasheet
120Kb / 6P
   Hermetically Sealed Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com