Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDHA710FR10A1NX Datasheet(PDF) 2 Page - International Rectifier

Part # RDHA710FR10A1NX
Description  Hermetically Sealed Ceramic Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RDHA710FR10A1NX Datasheet(HTML) 2 Page - International Rectifier

  RDHA710FR10A1NX Datasheet HTML 1Page - International Rectifier RDHA710FR10A1NX Datasheet HTML 2Page - International Rectifier RDHA710FR10A1NX Datasheet HTML 3Page - International Rectifier RDHA710FR10A1NX Datasheet HTML 4Page - International Rectifier RDHA710FR10A1NX Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.irf.com
RDHA710FR10A1NK
Notes for Maximum Ratings and Electrical Characteristic Tables
 Specification is guaranteed by design.
‚ Optically coupled Solid State Relays (SSRs) have relatively slow turn-on and turn-off times. Care must be taken to
insure that transient currents do not cause a violation of SOA. If transient conditions are present, IR recommends a
complete simulation to be performed by the end user to ensure compliance with SOA requirements as specified in the
IRHNA67160 data sheet.
ƒ Reference Fig. 2 for Switching Test Circuit and Fig. 3 for Switching Test Wave Form.
mTurn-on Time (ton) includes the turn-on delay and rise time; Turn-off Time (toff) includes the turn-off delay and fall time.
n While the SSR design meets the design requirements specified in MIL-PRF-38534, the end user is responsible for
product derating, as applicable for the application.
Electrical Characteristics @ -55°CdTCd+125°C (Unless Otherwise Specified)
Parameter
Group A
Test Conditions
Symbol Min. Typ. Max. Units
Subgroups
1--
0.012 0.020
2
--
0.018 0.040
1--
--
10
2--
--
25
Input Forward Voltage
1, 2, 3
IF = 10mA
VF
1.0
--
1.85
V
Input-to-Output Leakage Current
IL-O
Pin-to-Case Leakage Current
ICASE
IF = 0 to 10mA, VBus = 28V,
IO = 2.5A, Duty Cycle ≤ 1.0%
IF = 0 to 10mA, VBus = 28V,
IO = 2.5A, Duty Cycle ≤ 1.0%
Output Capacitance
c
IF = 0, V =+25V, f =1MHz, TC = 25C COSS
--
1600
--
pF
Thermal Resistance
c
RTHJC
--
--
5.0
°C/W
MTBF
MIL-HDBK-217F, TC = 25°C
6.5
--
--
MHrs
IF = 0, VOUT = 100V
IO
µA
--
1.0
9, 10, 11
ton
--
µA
ms
--
8.0
--
--
0.3
--
Turn-Off Time
def
Output On-Resistance
IF = 10mA, IO= 4.0A
RDS(ON)
toff
Turn-On Time
def
9, 10, 11
1
VI-O = 1000Vdc, dwell = 5s
Output Leakage Current


Similar Part No. - RDHA710FR10A1NX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
   Radiation Hardended, 100V Single 10A, Solid State Relay
More results

Similar Description - RDHA710FR10A1NX

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX3SMAT EUROQUARTZ-CX3SMAT Datasheet
124Kb / 1P
   Hermetically sealed ceramic package
CX6SMAT EUROQUARTZ-CX6SMAT Datasheet
117Kb / 1P
   Hermetically sealed ceramic package
logo
International Rectifier
RDHA701CD10A2NX IRF-RDHA701CD10A2NX_15 Datasheet
127Kb / 5P
   Hermetically Sealed Ceramic Package
logo
MMD Components
MLH3 MMD-MLH3 Datasheet
104Kb / 2P
   Hermetically Sealed Ceramic SMD Package
MVIH2 MMD-MVIH2 Datasheet
112Kb / 2P
   Hermetically Sealed Ceramic SMD Package
MVIH5 MMD-MVIH5 Datasheet
112Kb / 2P
   Hermetically Sealed Ceramic SMD Package
logo
EUROQUARTZ limited
CX-1-03AT EUROQUARTZ-CX-1-03AT Datasheet
93Kb / 1P
   Low profile, hermetically sealed ceramic package
logo
Marktech Corporate
MTE4047W-UB MARKTECH-MTE4047W-UB Datasheet
435Kb / 3P
   Hermetically Sealed Package
logo
International Rectifier
RDHA710SE10A2FK IRF-RDHA710SE10A2FK_15 Datasheet
121Kb / 7P
   Hermetically Sealed Package
RDHA710SE10A2SK IRF-RDHA710SE10A2SK_15 Datasheet
120Kb / 6P
   Hermetically Sealed Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com