Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX886_EUK29 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX886_EUK29
Description  Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX886_EUK29 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX886_EUK29 Datasheet HTML 1Page - Maxim Integrated Products MAX886_EUK29 Datasheet HTML 2Page - Maxim Integrated Products MAX886_EUK29 Datasheet HTML 3Page - Maxim Integrated Products MAX886_EUK29 Datasheet HTML 4Page - Maxim Integrated Products MAX886_EUK29 Datasheet HTML 5Page - Maxim Integrated Products MAX886_EUK29 Datasheet HTML 6Page - Maxim Integrated Products MAX886_EUK29 Datasheet HTML 7Page - Maxim Integrated Products MAX886_EUK29 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
_______________General Description
The MAX8867/MAX8868 low-noise, low-dropout linear
regulators operate from a 2.5V to 6.5V input and deliver
up to 150mA. Typical output noise for these devices is
just 30µVRMS, and typical dropout is only 165mV at
150mA. The output voltage is preset to voltages in the
range of 2.5V to 5.0V, in 100mV increments. The
MAX8867 and MAX8868 are pin-compatible with the
MAX8863 and MAX8864, except for the BP pin.
Designed with an internal P-channel MOSFET pass
transistor, the MAX8867/MAX8868 maintain a low
100µA supply current, independent of the load current
and dropout voltage. Other features include a 10nA
logic-controlled shutdown mode, short-circuit and ther-
mal-shutdown protection, and reverse battery protec-
tion. The MAX8868 also includes an auto-discharge
function, which actively discharges the output voltage
to ground when the device is placed in shutdown. Both
devices come in a miniature 5-pin SOT23 package.
________________________Applications
Cellular Telephones
Modems
Cordless Telephones
Hand-Held Instruments
PCS Telephones
Palmtop Computers
PCMCIA Cards
Electronic Planners
____________________________Features
o Low Output Noise: 30µVRMS
o Low 55mV Dropout at 50mA Output
(165mV at 150mA output)
o Low 85µA No-Load Supply Current
o Low 100µA Operating Supply Current
(even in dropout)
o Thermal-Overload and Short-Circuit Protection
o Reverse Battery Protection
o Output Current Limit
o Preset Output Voltages (±1.4% accuracy)
o 10nA Logic-Controlled Shutdown
Low-Noise, Low-Dropout,
150mA Linear Regulators in SOT23
________________________________________________________________
Maxim Integrated Products
1
GND
OUT
IN
15
BP
SHDN
MAX8867
MAX8868
SOT23-5
TOP VIEW
2
34
__________________Pin Configuration
19-1302; Rev 1; 3/98
PART**
MAX8867C/Dxy
MAX8867EUKxy-T
MAX8868C/Dxy
0°C to +70°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
5 SOT23-5
Dice*
______________Ordering Information
___Expanded Ordering Information
*
Dice are tested at TA = +25°C.
**
xy is the output voltage code (see Expanded Ordering
Information table).
***
Other xy between 2.5V and 5.0V are available in 100mV incre-
ments. Contact factory for other versions. Minimum order
quantity is 25,000 units.
MAX8868EUKxy-T
-40°C to +85°C
5 SOT23-5
PRESET
OUTPUT
VOLTAGE
(V)
MAX886_EUK25
2.50
OUTPUT
VOLTAGE (xy)
CODE
ACAY
SOT TOP MARK
ACBF
MAX8867
MAX8868
MAX886_EUK28
2.80
ACAZ
ACBG
MAX886_EUK29
2.84
ACBA
ACBH
MAX886_EUK30
3.00
ACBB
ACBI
MAX886_EUK32
3.15
ACBC
ACBJ
MAX886_EUK33
3.30
ACBD
ACBK
MAX886_EUK36
3.60
ACCZ
ACDA
Other xy***
x.y0
MAX886_EUK50
5.00
ACBE
ACBL
MAX8867
MAX8868
INPUT
2.5V TO 6.5V
IN
OUT
SHDN
CBP
0.01
µF
COUT
1
µF
CIN
1
µF
OFF
ON
BP
GND
OUTPUT
PRESET
2.5V TO 5.0V
150mA
__________Typical Operating Circuit


Similar Part No. - MAX886_EUK29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
More results

Similar Description - MAX886_EUK29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
MAX8882 MAXIM-MAX8882 Datasheet
244Kb / 8P
   Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23
logo
SG Micro Corp
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
   150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8887 MAXIM-MAX8887 Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
MAX8887 MAXIM-MAX8887_09 Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com