Electronic Components Datasheet Search |
|
MAX8882EUTAQ Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX8882EUTAQ Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 8 page Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VIN = +3.6V, SHDN = SHDNA = SHDNB = IN, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. IN, SHDN, SHDNA, SHDNB, BP to GND...............-0.3V to +7.0V OUTA, OUTB to GND ..................................-0.3V to (VIN + 0.3V) Output Short-Circuit Duration.....................................Continuous Continuous Power Dissipation (TA = +70°C) 6-Pin SOT23 (derate 8.7mW/°C above +70°C)............695mW Operating Temperature Range ...........................-40°C to +85°C Junction Temperature ......................................................+150°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10s) .................................+300°C PARAMETER CONDITIONS MIN TYP MAX UNITS Input Voltage 2.5 6.5 V Undervoltage Lockout Threshold VIN_ rising, hysteresis 40mV typical 2.15 2.25 2.40 V TA = +25 °C, IOUT_ = 1mA -1 1 IOUT_ = 1mA -2 2 Output Voltage Accuracy IOUT_ = 100 µA to 160mA -3 2 % Maximum Output Current Continuous 160 mA Current Limit 160 550 mA No Load, VIN = 6.5V 165 265 Ground Current IOUT_ = 80mA, both LDOs 170 µA SHDN_ = GND, TA = +25 °C 0.01 1 Shutdown Supply Current SHDN_ = GND 0.1 µA VIH 1.6 SHDN_ Input Threshold VIL 0.4 V SHDN_ = GND or IN, TA = +25 °C 0 100 SHDN_ Input Bias Current SHDN_ = GND or IN 0.05 nA IOUT_ = 1mA 1 IOUT_ = 40mA 36 Dropout Voltage (Notes 2, 3) IOUT_ = 80mA 72 144 mV Line Regulation VIN = (VOUT_ + 0.4V or 2.5V) to + 6.5V, IOUT_ = 1mA -0.2 0 0.2 %/V 10Hz to 100kHz, CBP = 0.01 µF, COUT_ = 4.7µF, IOUT_ = 1mA MAX8882 40 Output Voltage Noise 10Hz to 100kHz, COUT_ = 4.7 µF, IOUT_ = 10mA MAX8883 320 µVRMS |
Similar Part No. - MAX8882EUTAQ |
|
Similar Description - MAX8882EUTAQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |