Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX879MJA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX879MJA
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX879MJA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX879MJA Datasheet HTML 1Page - Maxim Integrated Products MAX879MJA Datasheet HTML 2Page - Maxim Integrated Products MAX879MJA Datasheet HTML 3Page - Maxim Integrated Products MAX879MJA Datasheet HTML 4Page - Maxim Integrated Products MAX879MJA Datasheet HTML 5Page - Maxim Integrated Products MAX879MJA Datasheet HTML 6Page - Maxim Integrated Products MAX879MJA Datasheet HTML 7Page - Maxim Integrated Products MAX879MJA Datasheet HTML 8Page - Maxim Integrated Products MAX879MJA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (IN to PGND) .......................................0V to +7V
Output Short-Circuit Duration to PGND, AGND (Note 1)....30sec
Voltage Applied to:
LX (switch off).......................................................-0.3V to +7V
(switch on) ...................................30sec short to IN or OUT
OUT,
S
H
D
N...........................................................-0.3V to +7V
FB ..........................................................-0.3V to (OUT + 0.3V)
AGND to PGND ........................................................-0.3V, +0.3V
Reverse Battery Current....................................................900mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Operating Temperature Ranges:
MAX87_C_A ........................................................0°C to +70°C
MAX87_E_A .....................................................-40°C to +85°C
MAX87_MJA ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS
(VIN = 2.7V, ILOAD = 0mA, LX = 22µH, COUT = 100µF,
S
H
D
N and ILIM connected to IN, AGND connected to PGND,
TA = TMIN to TMAX, typical values are at TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SEL = 0V
CONDITIONS
MIN
TYP
MAX
Output Voltage
(MAX879 set to
3.3V)
(Note 3)
V
UNITS
MAX878/MAX879 (VOUT = 3.3V), ILOAD = 100mA, VIN = 2.5V
MAX877/MAX879 (VOUT = 5V), ILOAD = 100mA, VIN = 4V
MAX879, ILOAD = 0mA (Note 4)
SEL = Open
0V <
S
H
D
N
< VIN
VIN <
S
H
D
N
< 5V
S
H
D
N
= 0V
20
35
µA
Efficiency
MAX87_C, MAX87_E
Output Voltage Range
S
H
D
N
Bias Current
MAX87_M
Maximum Operating Voltage
(Notes 2, 3)
6.2
V
Shutdown Supply Current
15
100
nA
Output Voltage
(MAX879 set to 5V)
(Note 3)
MAX877C/MAX879C: 0mA
≤ ILOAD ≤ 240mA,
2.7V
≤ VIN ≤ 6.2V;
MAX877E/MAX879E: 0mA
≤ ILOAD ≤ 220mA,
2.7V
≤ VIN ≤ 6.2V;
MAX877M/MAX879M: 0mA
≤ ILOAD ≤ 180mA,
2.7V
≤ VIN ≤ 6.2V
4.80
5.00
5.20
V
MAX878C/MAX879C: 0mA
≤ ILOAD ≤ 210mA,
1.8V
≤ VIN ≤ 6.2V;
MAX878E/MAX879E: 0mA
≤ ILOAD ≤ 200mA,
1.8V
≤ VIN ≤ 6.2V;
MAX878M/MAX879M: 0mA
≤ ILOAD ≤ 180mA,
1.8V
≤ VIN ≤ 6.2V
3.17
3.30
3.43
12
40
µA
ILOAD = 0mA, TA = +25°C
1
2.88
3.00
3.12
MAX877/MAX879 (VOUT = 5V), 0mA < ILOAD < 180mA,
TA = +25°C
2.5
2.5
6.0
V
Minimum Start-Up Voltage
(Notes 2, 6)
85
MAX878/MAX879 (VOUT = 3.3V), 0mA < ILOAD < 120mA,
TA = +25°C
1.5
V
MAX878C: 0mA
≤ ILOAD ≤ 210mA, 1.8V ≤ VIN ≤ 6.2V;
MAX878E: 0mA
≤ ILOAD ≤ 200mA, 1.8V ≤ VIN ≤ 6.2V;
MAX878M: 0mA
≤ ILOAD ≤ 180mA, 1.8V ≤ VIN ≤ 6.2V
82
%
No-Load Supply Current
ILOAD = 0mA (switch off)
195
310
µA
20
30
Note 1: The output may be shorted to ground continuously if the package power dissipation is not exceeded.


Similar Part No. - MAX879MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8790 MAXIM-MAX8790 Datasheet
456Kb / 24P
   Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 11/06
MAX8790A MAXIM-MAX8790A Datasheet
430Kb / 23P
   Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 10/07
MAX8790AETP MAXIM-MAX8790AETP Datasheet
430Kb / 23P
   Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 10/07
MAX8790AEVKIT MAXIM-MAX8790AEVKIT Datasheet
177Kb / 11P
   MAX8790A Evaluation Kit
Rev 1; 3/08
MAX8790ETP++ MAXIM-MAX8790ETP+ Datasheet
456Kb / 24P
   Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 11/06
More results

Similar Description - MAX879MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
   Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX830 MAXIM-MAX830 Datasheet
43Kb / 5P
   5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 6/95
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com