Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8305 Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV8305
Description  DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8305 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8305_15 Datasheet HTML 7Page - Texas Instruments DRV8305_15 Datasheet HTML 8Page - Texas Instruments DRV8305_15 Datasheet HTML 9Page - Texas Instruments DRV8305_15 Datasheet HTML 10Page - Texas Instruments DRV8305_15 Datasheet HTML 11Page - Texas Instruments DRV8305_15 Datasheet HTML 12Page - Texas Instruments DRV8305_15 Datasheet HTML 13Page - Texas Instruments DRV8305_15 Datasheet HTML 14Page - Texas Instruments DRV8305_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
DRV8305
www.ti.com
SLVSCX2A – AUGUST 2015 – REVISED SEPTEMBER 2015
Electrical Characteristics (continued)
PVDD = 4.4 to 45 V, TA = 25°C, unless specified under test condition
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVO
Output short circuit current
SOx shorted to ground
20
mA
Unity gain bandwidth
UGB
GCSA = 10
2
MHz
product
VOLTAGE PROTECTION
VAVDD_UVLO
AVDD undervoltage Fault
Relative to GND
3.3
3.5
V
VREG_UV_LEVEL = 00
VSET-10%
VREG_UV_LEVEL = 01
VSET-20%
VVREG_UV
VREG undervoltage Fault
V
VREG_UV_LEVEL = 10
VSET-30%
VREG_UV_LEVEL = 11
VSET-30%
VREG undervoltage monitor
VVREG_UV_DGL
1.5
2
µs
deglitch time
PVDD falling
7.7
8.1
Undervoltage protection
VPVDD_UVFL
V
Warning, PVDD
PVDD rising
7.9
8.3
PVDD falling
4.1
Undervoltage protection
VPVDD_UVLO1
V
lockout, PVDD
PVDD rising
4.3
PVDD falling
4.2
4.4
Undervoltage protection
VPVDD_UVLO2
V
Fault, PVDD
PVDD rising
4.4
4.6
PVDD falling
33.5
36
Overvoltage protection
VPVDD_OVFL
V
Warning, PVDD
PVDD rising
32.5
35
Charge pump under voltage
VVCPH_UVFL
Relative to PVDD
8
V
protection Warning, VCPH
Relative to PVDD, SET_VCPH_UV = 0
4.5
4.9
Charge pump under voltage
VVCPH_UVLO
V
protection Fault, VCPH
Relative to PVDD, SET_VCPH_UV = 1
4.2
4.6
Low-side charge pump
VVCP_LSD_UVLO
under voltage Fault,
Relative to PVDD
6.4
7.5
V
VCP_LSD
Charge pump over voltage
VVCPH_OVLO
Relative to PVDD
14
18
V
protection FAULT, VCPH
Charge pump over voltage
VVCPH_OVLO_ABS
Relative to GND
60
V
protection FAULT, VCPH
TEMPERATURE PROTECTION
Junction temperature for
OTW_CLR
resetting over temperature
140
°C
(OT) warning(1)
Junction temperature for
OTW_SET/
over temperature warning
155
°C
OTSD_CLR
and resetting over
temperature shutdown(1)
Junction temperature for
OTSD_SET
over temperature
175
°C
shutdown(1)
Junction temperature flag
TEMPFLAG1
105
°C
setting 1 (no warning)(1)
Junction temperature flag
TEMPFLAG2
125
°C
setting 2 (no warning)(1)
Junction temperature flag
TEMPFLAG3
135
°C
setting 3 (no warning)(1)
Junction temperature flag
TEMPFLAG4
175
°C
setting 4 (no warning)(1)
(1)
Specified by design and characterization data
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DRV8305


Similar Part No. - DRV8305_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
More results

Similar Description - DRV8305_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8305-Q1 TI-DRV8305-Q1_15 Datasheet
117Kb / 6P
[Old version datasheet]   DRV8305-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Voltage Regulator
DRV8301 TI1-DRV8301_14 Datasheet
408Kb / 28P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301 TI-DRV8301 Datasheet
387Kb / 26P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301 TI1-DRV8301_12 Datasheet
356Kb / 26P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV3245A-Q1 TI1-DRV3245A-Q1 Datasheet
129Kb / 6P
[Old version datasheet]   DRV3245A-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303EVM TI1-DRV8303EVM Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8302 TI1-DRV8302 Datasheet
351Kb / 21P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator ??Hardware Controlled
AUGUST2011
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
[Old version datasheet]   AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com