Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX900ACPP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX900ACPP
Description  High-Speed, Low-Power Voltage Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX900ACPP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX900ACPP Datasheet HTML 4Page - Maxim Integrated Products MAX900ACPP Datasheet HTML 5Page - Maxim Integrated Products MAX900ACPP Datasheet HTML 6Page - Maxim Integrated Products MAX900ACPP Datasheet HTML 7Page - Maxim Integrated Products MAX900ACPP Datasheet HTML 8Page - Maxim Integrated Products MAX900ACPP Datasheet HTML 9Page - Maxim Integrated Products MAX900ACPP Datasheet HTML 10Page - Maxim Integrated Products MAX900ACPP Datasheet HTML 11Page - Maxim Integrated Products MAX900ACPP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
High-Speed, Low-Power Voltage Comparators
______________________________________________________________________________________
11
OUTPUT
1V/div
INPUT
10mV/div
5ns/div
Figure 6. Response to 50MHz Sine Wave
MX7228
IN1
UNDER
LIMIT
IN2
IN3
IN4
IN5
IN6
IN8
IN7
OVER
LIMIT
UNDER
LIMIT
UNDER
LIMIT
UNDER
LIMIT
UNDER
LIMIT
OVER
LIMIT
OVER
LIMIT
VDAC8
VDAC1
OCTAL
8-BIT
DAC
8 x 8
DATA
LATCH
CONTROL
LOGIC
A0
A1
A2
MSB
D7
8-BIT
DATA
INPUT
LSB
D1
VREF
+1.25V
VOUT8
MAX901
VOUT1
MAX901
Figure 8. Alarm Circuit Level Monitors Eight Separate Inputs
OUTPUT
1V/div
INPUT
10mV/div
5ns/div
Figure 7. Response to 100MHz Sine Wave Photo
Typical Application
Programmed, Variable-Alarm Limits
By combining two quad analog comparators with an
octal 8-bit D/A converter (the MX7228), several alarm
and limit-defect functions can be performed simultane-
ously without external adjustments
The MX7228’s internal latches allow the system
processor to set the limit points for each comparator
independently and update them at any time. Set the
upper and lower thresholds for a single transducer by
pairing the D/A converter and comparator sections.


Similar Part No. - MAX900ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Altera Corporation
MAX9000 ALTERA-MAX9000 Datasheet
1Mb / 42P
   Programmable Logic Device Family
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
   Programmable Logic Device Family
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
   Programmable Logic Device Family
logo
Maxim Integrated Produc...
MAX9000ESA MAXIM-MAX9000ESA Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
More results

Similar Description - MAX900ACPP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901H STMICROELECTRONICS-LM2901H Datasheet
431Kb / 7P
   High Temperature Low Power Quad Voltage Comparators
LM2901H STMICROELECTRONICS-LM2901H_08 Datasheet
344Kb / 9P
   High temperature low power quad voltage comparators
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
   Low power quad voltage comparators
ver.07
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
   Low power dual voltage comparators
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
   Low-power quad voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com