Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8307 Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV8307
Description  DRV8307 Brushless DC Motor Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8307 Datasheet(HTML) 1 Page - Texas Instruments

  DRV8307_15 Datasheet HTML 1Page - Texas Instruments DRV8307_15 Datasheet HTML 2Page - Texas Instruments DRV8307_15 Datasheet HTML 3Page - Texas Instruments DRV8307_15 Datasheet HTML 4Page - Texas Instruments DRV8307_15 Datasheet HTML 5Page - Texas Instruments DRV8307_15 Datasheet HTML 6Page - Texas Instruments DRV8307_15 Datasheet HTML 7Page - Texas Instruments DRV8307_15 Datasheet HTML 8Page - Texas Instruments DRV8307_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
DRV8307
FETs
(External)
M
HALL
Clock for PWM
Direction
Brake
Enable
+5 V or VM
VM (+8.5 to 32 V)
FAULT
HALLOUT
VM (+8.5 to 32 V)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DRV8307
SLVSCK2 – APRIL 2014
DRV8307 Brushless DC Motor Controller
1 Features
3 Description
The DRV8307 is a three half-bridge pre-driver that
1
Three-Phase Brushless DC Motor Controller
drives six N-type MOSFETs 30 mA with a single
PWM Input for Speed Control
power
supply.
Aimed
at
sensored
three-phase
Operating Supply Voltage 8.5 to 32 V
brushless DC motors, the DRV8307 is driven by a
single
PWM
input
and
supports
integrated
30-mA Gate-Drive Current to 6 N-Channel
commutation logic with three Hall sensor inputs. A
MOSFETs
separate 5-V regulator is also included to be used to
Integrated Current Sense Amplifier
power
Hall-effect
sensors
and
other
external
5-V Regulator for Hall Sensors
components.
Low-Power Standby Mode
The DRV8307 includes a current sense input for
Locked Rotor Detection and Restart
current limiting and protection. The current limit can
be set by adjusting the value of the RISENSE sense
Integrated Overcurrent and Overtemperature
resistor.
Protection
Motor operation (start and stop) is controlled through
6- × 6-mm VQFN Package, 0.5-mm Pitch
the ENABLEn terminal. If the ENABLEn terminal is
set high and motor rotation has stopped, the device
2 Applications
enters into a low-power standby state, thereby
Industrial Pumps and Fans
conserving overall system power during periods of
White Goods
inactivity.
Robotic Appliances
Protection features are also included in the DRV8307
device such as locked rotor detection, as well as
overcurrent
and
overtemperature
protection
and
undervoltage
lockout
to
bolster
overall
system
robustness and reliability.
Device Information
ORDER NUMBER
PACKAGE
BODY SIZE
DRV8307RHA
VQFN (40)
6 mm × 6 mm
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV8307_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
More results

Similar Description - DRV8307_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com