Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8867EUK29-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8867EUK29-T
Description  Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8867EUK29-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8867EUK29-T Datasheet HTML 1Page - Maxim Integrated Products MAX8867EUK29-T Datasheet HTML 2Page - Maxim Integrated Products MAX8867EUK29-T Datasheet HTML 3Page - Maxim Integrated Products MAX8867EUK29-T Datasheet HTML 4Page - Maxim Integrated Products MAX8867EUK29-T Datasheet HTML 5Page - Maxim Integrated Products MAX8867EUK29-T Datasheet HTML 6Page - Maxim Integrated Products MAX8867EUK29-T Datasheet HTML 7Page - Maxim Integrated Products MAX8867EUK29-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Noise, Low-Dropout,
150mA Linear Regulators in SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VOUT(NOMINAL) + 0.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ....................................................................-7V to +7V
Output Short-Circuit Duration ............................................Infinite
SHDN to GND..............................................................-7V to +7V
SHDN to IN ...............................................................-7V to +0.3V
OUT, BP to GND ..........................................-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = +70°C)
SOT23-5 (derate 7.1mW/°C above +70°C)...................571mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
θJB..................................................................................140°C/W
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
COUT = 10µF
COUT = 100µF
VIN = 2.5V to 5.5V
IOUT = 0mA, TA = +25°C
2.0
f = 10Hz to 100kHz,
CBP = 0.01µF
TA = +25°C
0.01
1
TA = +85°C
IOUT = 0mA to 120mA, COUT = 1µF
No load
IOUT = 150mA
VOUT = 0V
IOUT = 150mA
VIN = 2.5V to 5.5V
CONDITIONS
TA = +25°C
µA
V
0.01
100
VIH
0.4
SHDN Input Threshold
IQ, SHDN
0.2
Shutdown Supply Current
TA = +25°C
TA = +85°C
VSHDN = VIN
nA
ISHDN
0.5
SHDN Input Bias Current
VIL
300
MAX8868 only
Shutdown Discharge
Resistance
mA
150
Maximum Output Current
-1.4
1.4
V
2.5
6.5
VIN
Input Voltage (Note 2)
µVRMS
20
en
30
Output Voltage Noise
%/mA
0.01
0.04
∆VLDR
Load Regulation
mA
160
390
ILIM
Current Limit
IOUT = 1mA
85
180
IOUT = 50mA
Ground Pin Current
µA
100
IQ
1.1
165
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Dropout Voltage (Note 2)
mV
55
120
30
150
TA = -40°C to +85°C
CBP = 0.1µF,
COUT = 1µF, no load
µs
300
Shutdown Exit Delay
(Note 3)
VIN = (VOUT + 0.1V) to 6.5V, IOUT = 1mA
%/V
-0.15
0
0.15
∆VLNR
Line Regulation
IOUT = 0mA to 120mA
%
-3
2
Output Voltage Accuracy
SHUTDOWN


Similar Part No. - MAX8867EUK29-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
More results

Similar Description - MAX8867EUK29-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
MAX8882 MAXIM-MAX8882 Datasheet
244Kb / 8P
   Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23
logo
SG Micro Corp
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
   150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8887 MAXIM-MAX8887 Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
MAX8887 MAXIM-MAX8887_09 Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com