Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9010 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9010
Description  SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9010 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9010 Datasheet HTML 1Page - Maxim Integrated Products MAX9010 Datasheet HTML 2Page - Maxim Integrated Products MAX9010 Datasheet HTML 3Page - Maxim Integrated Products MAX9010 Datasheet HTML 4Page - Maxim Integrated Products MAX9010 Datasheet HTML 5Page - Maxim Integrated Products MAX9010 Datasheet HTML 6Page - Maxim Integrated Products MAX9010 Datasheet HTML 7Page - Maxim Integrated Products MAX9010 Datasheet HTML 8Page - Maxim Integrated Products MAX9010 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SC70, 5ns, Low-Power, Single-Supply,
Precision TTL Comparators
_______________________________________________________________________________________
5
Note 4: Although Common-Mode Input Voltage Range is restricted to -0.2V
≤ VCM ≤ (VCC - 1.9V), either or both inputs can go to either
absolute maximum voltage limit, i.e., from -0.3V to (VCC + 0.3V), without damage. The comparator will make a correct (and fast)
logic decision provided that at least one of the two inputs is within the specified common-mode range. If both inputs are outside
the common-mode range, the comparator output state is indeterminate.
Note 5: For the MAX9012, Input Offset Voltage is defined as the input voltage(s) required to make the OUT output voltage(s) remain
stable at 1.4V. For the MAX9013, it is defined as the average of two input offset voltages, measured by forcing first the OUT
output, then the OUT output to 1.4V.
Note 6: Propagation delay for these high-speed comparators is guaranteed by design because it cannot be accurately measured
with low levels of input overdrive voltage using automatic test equipment in production. Note that for low overdrive
conditions, VOS is added to the overdrive.
Note 7: Differential Propagation Delay, measured either on a single output of the MAX9012/MAX9013 (or between OUT and OUT
outputs on the MAX9013) is defined as:
∆tPD(±) = |(tPD+) - (tPD-)|.
Note 8: Latch times are guaranteed by design. Latch setup time (tSU) is the interval in which the input signal must be stable prior to
asserting the latch signal. The hold time (tH) is the interval after the latch is asserted in which the input signal must remain
stable. Latch propagation delay (tLPD) is the delay time for the output to respond when the latch enable pin is deasserted
(see Figure 1).
t = 5ns/div
RESPONSE TO -5mV OVERDRIVE
IN: 50mV/div
OUT: 1V/div
0
IN
3V
+100mV
MAX9010–13 toc02
OUT
0
6.0
3.5
1
10
100
4.0
OVERDRIVE (mV)
4.5
5.0
5.5
PROPAGATION DELAY
vs. INPUT OVERDRIVE
3.0
tPD(+)
tPD(-)
t = 5ns/div
RESPONSE TO +5mV OVERDRIVE
IN: 50mV/div
OUT: 1V/div
0
IN
3V
-100mV
MAX9010–13 toc01
OUT
0
Typical Operating Characteristics
(VCC = 5V, CL = 15pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX901 MAXIM-MAX901 Datasheet
162Kb / 12P
   High-Speed, Low-Power Voltage Comparators
Rev. 4; 7/01
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9015 MAXIM-MAX9015 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015A MAXIM-MAX9015A Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
More results

Similar Description - MAX9010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
MAX9107 MAXIM-MAX9107 Datasheet
313Kb / 10P
   25ns, Dual/Quad/Single, Low-Power, TTL Comparators
Rev. 0; 5/01
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com