Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3513 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA3513
Description  6-18GHz 3 bit Digital Variable Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3513 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA3513 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3513 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CHA3513
6-18GHz Digital Variable Amplifier
Ref. : DSCHA3513-8144 - 23 May 08
2/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics on wafer
Tamb = +25°C
Vd = Pads B, D, F = 4.5V, Vg = Pads A, C, E tuned for Id = 300mA
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range (1)
6
18
GHz
G
Small signal gain @ Attenuator state 0dB (1)
6-17GHz
17-18GHz
17
15
19
16
dB
dB
ATT bit
Attenuator bit: State 5dB
State 10 dB 1
State 10dB 2
4.5
9.5
9.5
5
10
10
6.5
12
12
dB
dB
dB
ATT dyn
Attenuator range with 3bit
25
dB
Is
Small signal gain @ Attenuator state 0dB &
switch OFF (1)
-35
dB
P1dB
Output power at 1dB compression @ Attenuator
state 0dB (1)
18
dBm
Psat
Saturated Output power @ Attenuator state 0dB
(1)
20
dBm
NF
Noise figure @ Attenuator state 0dB
12
dB
RL_IN
Input Return Loss all attenuator states
-15
-9
dB
RL_OUT
Output Return Loss all attenuator states & switch
ON
-15
-9
dB
Vd
Drain bias DC voltage (
Pads B, D, F)
4.5
V
Id
Bias current @ small signal
300
350
mA
Vc
Control voltage for Attenuator bits & SPST switch
-5
0
V
(1) These values are representative of on-wafer measurements that are made without bonding
wires at the RF ports.


Similar Part No. - CHA3513

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3513 UMS-CHA3513 Datasheet
873Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
CHA3513 UMS-CHA3513 Datasheet
305Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
CHA3513-99F/00 UMS-CHA3513-99F/00 Datasheet
305Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
CHA3513 UMS-CHA3513_08 Datasheet
305Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
More results

Similar Description - CHA3513

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3513 UMS-CHA3513 Datasheet
873Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
CHA3513 UMS-CHA3513_08 Datasheet
305Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
CHA3514 UMS-CHA3514_15 Datasheet
281Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3514 UMS-CHA3514 Datasheet
476Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3514 UMS-CHA3514_08 Datasheet
352Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3512 UMS-CHA3512 Datasheet
518Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_08 Datasheet
452Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3511 UMS-CHA3511 Datasheet
361Kb / 10P
   6-18GHz Amplifier
logo
Transcom, Inc.
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com