Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3514 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA3514
Description  6-18GHz 4 bit Digital Variable Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3514 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA3514 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3514 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3514 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3514 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3514 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3514 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3514 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3514 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3514 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CHA3514
6-18GHz Digital Variable Amplifier
Ref. : DSCHA3514-8144 - 23 May 08
4/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical chip on wafer Sij parameters for reference state
Tamb 25°C, B = D = 4.5V, Id = 190mA, 10A, 5A, 2.5A, 20A = -5V, 10B, 5B, 2.5B, 20B = 0V
Freq (GHz)
dB(S11)
P(S11) (°)
dB(S21)
P(S21) (°)
dB(S12)
P(S12) (°)
dB(S22)
P(S22) (°)
1.0
-0.8
-42.4
-44.8
-114.9
-69.9
-91.3
-3.3
-59.4
1.5
-1.5
-62.3
-24.1
-166.4
-69.2
-148.8
-4.6
-89.6
2.0
-2.1
-81.0
-6.6
156.9
-67.0
-165.4
-7.2
-122.7
2.5
-2.8
-99.6
2.5
94.4
-61.4
-179.5
-10.5
-160.5
3.0
-4.1
-116.9
8.3
37.6
-69.4
74.2
-14.8
147.5
3.5
-5.1
-133.6
11.0
-17.7
-86.1
97.0
-17.4
88.8
4.0
-6.3
-148.7
12.4
-65.1
-78.4
133.3
-16.9
43.1
4.5
-7.8
-162.3
13.3
-107.0
-72.8
112.9
-15.5
15.9
5.0
-9.3
-175.1
13.9
-145.1
-70.0
77.8
-14.4
-2.5
5.5
-10.7
174.7
14.3
178.9
-68.7
34.4
-13.5
-17.5
6.0
-12.2
167.3
14.6
144.5
-66.8
-5.4
-12.9
-30.6
6.5
-13.8
161.4
14.9
111.4
-64.9
-37.6
-12.4
-42.3
7.0
-15.0
157.0
15.1
79.3
-67.2
-61.6
-12.1
-54.0
7.5
-15.6
155.3
15.2
47.9
-62.7
-85.6
-12.0
-66.0
8.0
-16.2
156.1
15.3
16.9
-59.7
-109.9
-12.2
-78.5
8.5
-16.6
154.3
15.4
-13.7
-57.5
-138.0
-12.7
-90.1
9.0
-16.1
151.1
15.5
-44.0
-55.6
-167.3
-13.6
-102.2
9.5
-15.3
148.6
15.5
-73.9
-54.7
171.2
-15.1
-113.3
10.0
-14.6
145.0
15.5
-103.8
-53.2
136.4
-17.3
-123.0
10.5
-14.0
136.7
15.5
-133.5
-54.7
117.6
-20.4
-125.3
11.0
-13.0
127.2
15.5
-163.1
-56.0
96.6
-23.7
-113.1
11.5
-12.2
119.0
15.5
167.2
-56.4
74.2
-24.5
-88.9
12.0
-11.8
108.7
15.5
137.5
-59.8
43.6
-22.9
-73.3
12.5
-11.5
96.1
15.4
107.7
-76.5
22.9
-21.9
-66.9
13.0
-11.2
83.5
15.3
77.9
-65.0
178.8
-20.1
-59.5
13.5
-11.6
73.4
15.2
49.1
-60.2
148.9
-17.4
-59.3
14.0
-12.5
64.6
15.3
20.1
-59.5
146.9
-15.1
-68.1
14.5
-13.1
57.6
15.4
-10.6
-55.2
142.1
-13.5
-81.7
15.0
-13.2
52.4
15.5
-42.1
-49.9
141.5
-12.6
-99.9
15.5
-14.1
44.8
15.5
-74.7
-45.5
117.2
-12.6
-121.4
16.0
-15.7
40.2
15.4
-108.3
-43.7
87.3
-13.9
-146.5
16.5
-18.0
39.2
15.3
-143.1
-42.0
61.2
-16.6
-177.9
17.0
-19.7
66.0
14.9
-178.3
-41.7
36.3
-21.3
136.0
17.5
-16.8
97.0
14.5
144.9
-41.5
14.5
-22.3
46.6
18.0
-12.7
96.4
13.8
105.1
-41.0
-13.7
-17.6
-12.9
18.5
-9.9
89.2
12.7
64.1
-42.1
-42.4
-15.1
-51.6
19.0
-7.1
80.6
10.3
19.1
-45.0
-76.5
-15.6
-84.5
19.5
-5.3
68.5
6.6
-19.0
-50.6
-91.9
-20.1
-107.2
20.0
-4.1
54.4
2.6
-47.9
-54.4
-69.2
-29.1
-59.0
20.5
-3.3
41.5
-0.8
-70.2
-53.6
-67.9
-19.5
-18.0
21.0
-2.8
30.8
-3.6
-89.1
-54.2
-66.0
-14.7
-29.5
21.5
-2.6
21.1
-5.8
-107.0
-54.2
-73.1
-12.0
-43.1
22.0
-2.4
11.6
-7.7
-125.3
-55.5
-89.7
-10.4
-56.0
22.5
-2.2
3.5
-9.3
-143.8
-58.9
-95.4
-9.4
-69.1
23.0
-2.2
-3.3
-10.6
-162.9
-62.1
-90.4
-8.8
-81.5
23.5
-2.1
-10.1
-11.9
176.9
-65.9
-60.7
-8.6
-92.4
24.0
-2.1
-16.9
-13.2
156.5
-62.2
-32.7
-8.6
-102.8


Similar Part No. - CHA3514

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3514 UMS-CHA3514 Datasheet
476Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3514 UMS-CHA3514 Datasheet
352Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3514-99F/00 UMS-CHA3514-99F/00 Datasheet
352Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3514 UMS-CHA3514_08 Datasheet
352Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
More results

Similar Description - CHA3514

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3514 UMS-CHA3514 Datasheet
476Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3514 UMS-CHA3514_08 Datasheet
352Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3513 UMS-CHA3513 Datasheet
873Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
CHA3513 UMS-CHA3513_08 Datasheet
305Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
CHA3513 UMS-CHA3513_15 Datasheet
220Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
CHA3512 UMS-CHA3512 Datasheet
518Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_08 Datasheet
452Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3511 UMS-CHA3511 Datasheet
361Kb / 10P
   6-18GHz Amplifier
logo
Transcom, Inc.
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com