Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3688AQDG Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA3688AQDG
Description  12.5-30GHz Low Noise Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3688AQDG Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHA3688AQDG Datasheet HTML 3Page - United Monolithic Semiconductors CHA3688AQDG Datasheet HTML 4Page - United Monolithic Semiconductors CHA3688AQDG Datasheet HTML 5Page - United Monolithic Semiconductors CHA3688AQDG Datasheet HTML 6Page - United Monolithic Semiconductors CHA3688AQDG Datasheet HTML 7Page - United Monolithic Semiconductors CHA3688AQDG Datasheet HTML 8Page - United Monolithic Semiconductors CHA3688AQDG Datasheet HTML 9Page - United Monolithic Semiconductors CHA3688AQDG Datasheet HTML 10Page - United Monolithic Semiconductors CHA3688AQDG Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
12.5-30GHz Low Noise Amplifier
CHA3688aQDG
Ref. : DSCHA3688aQDG1035 - 07 Feb 11
7/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Board Measurements
Tamb = +25°C, Vd1=Vd2=Vd3= +4V Id = 85mA
Pads B, D not connected (low current configuration)
Measurements are given in the package access planes. Losses are de-embedded.
Gain and return losses versus frequency
Noise figure versus frequency


Similar Part No. - CHA3688AQDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3688AQDG UMS-CHA3688AQDG Datasheet
473Kb / 16P
   12.5-30GHz Low Noise Amplifier
More results

Similar Description - CHA3688AQDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3689-99F UMS-CHA3689-99F_15 Datasheet
682Kb / 16P
   12.5-30GHz Low Noise Amplifier
CHA3689 UMS-CHA3689 Datasheet
261Kb / 10P
   12.5-30GHz Low Noise Amplifier
CHA3688AQDG UMS-CHA3688AQDG Datasheet
473Kb / 16P
   12.5-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093_03 Datasheet
97Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193_15 Datasheet
149Kb / 10P
   20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190_15 Datasheet
185Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093 Datasheet
107Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093_15 Datasheet
128Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2069-QDG UMS-CHA2069-QDG Datasheet
439Kb / 18P
   18-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193 Datasheet
112Kb / 10P
   20-30GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com