Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA6005-99F Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA6005-99F
Description  8-12GHz High Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6005-99F Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHA6005-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA6005-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA6005-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA6005-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA6005-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA6005-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA6005-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA6005-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHA6005-99F_15 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
8-12GHz High Power Amplifier
CHA6005-99F
Ref. : DSCHA60052244 - 31 Aug 12
7/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Mechanical data
Chip thickness: 70µm ±10µm.
Chip size: 3000 x 1500 ±35µm
All dimensions are in micrometers
RF pads (1, 10)
= 122 x 100µm²
DC pads (4, 6, 7, 8, 9)
= 100 x 100µm²
Pin number
Pin name
Description
1
IN
Input RF
2, 3, 5,8
-
Not Connected
4
VG1
Vg1
6
VD1
Vd1
7
VG2
Not Connected
8
GND
Not Connected
9
VD2
Vd2
10
OUT
Output RF


Similar Part No. - CHA6005-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6005-99F00 UMS-CHA6005-99F00 Datasheet
271Kb / 10P
   8-12GHz High Power Amplifier
More results

Similar Description - CHA6005-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6005-99F UMS-CHA6005-99F Datasheet
271Kb / 10P
   8-12GHz High Power Amplifier
CHA6005-QEG UMS-CHA6005-QEG_15 Datasheet
541Kb / 12P
   8-12GHz High Power Amplifier
CHA6105 UMS-CHA6105_15 Datasheet
239Kb / 8P
   8-12GHz Driver Amplifier
logo
TriQuint Semiconductor
TGA2710 TRIQUINT-TGA2710 Datasheet
193Kb / 15P
   10.5 - 12GHz High Power Amplifier
logo
United Monolithic Semic...
CHA6105 UMS-CHA6105 Datasheet
228Kb / 8P
   8-12GHz Driver Amplifier
logo
Transcom, Inc.
TA080-120-41-30 TRANSCOM-TA080-120-41-30 Datasheet
17Kb / 1P
   8 - 12GHz 30 dBm Amplifier
TA060-120-35-27 TRANSCOM-TA060-120-35-27 Datasheet
77Kb / 2P
   6 ~ 12GHz 35dB Gain 27dBm Power Amplifier
TA060-120-35-30 TRANSCOM-TA060-120-35-30 Datasheet
71Kb / 2P
   6 ~ 12GHz 35dB Gain 30dBm Power Amplifier
TA060-120-35-33 TRANSCOM-TA060-120-35-33 Datasheet
68Kb / 2P
   6 ~ 12GHz 35dB Gain 33dBm Power Amplifier
logo
TriQuint Semiconductor
TGA2590-CP TRIQUINT-TGA2590-CP Datasheet
579Kb / 11P
   6 to 12GHz, 30W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com