Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHC3014-99F Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHC3014-99F
Description  X-band Core Chip
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHC3014-99F Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHC3014-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 10Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 11Page - United Monolithic Semiconductors CHC3014-99F_15 Datasheet HTML 12Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CHC3014-99F
X-band Core Chip
Ref. : DSCHC3014-0293 - 20 Sep 10
8/20
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical on wafer Measurements
Tamb.= +25°C
Phase shifter performances: Phase error
Rx and Tx mode
Phase error vs. frequency
Tuning attenuator state 1
Fine attenuator states 0-8-16-32
Phase error vs. phase state
for attenuation states 0, 8, 16, 32
All phase states
8GHz < Freq. < 12GHz
Phase error RMS
Phase shift vs. phase shifter state
Tuning attenuator state 1
Fine attenuator states 0-8-16-32
Freq. = 10GHz
Atten. state: 63
Atten. state: 0-8-16-32


Similar Part No. - CHC3014-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHC3014 UMS-CHC3014 Datasheet
1Mb / 16P
   X-band RX-TX Core Chip GaAs Monolithic Microwave IC
More results

Similar Description - CHC3014-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHC3014 UMS-CHC3014 Datasheet
1Mb / 16P
   X-band RX-TX Core Chip GaAs Monolithic Microwave IC
logo
HBH Microwave GmbH
HA5002 HBH-HA5002 Datasheet
17Kb / 1P
   X-Band Amplifier
logo
Communications & Power ...
VPX3478 CPI-VPX3478 Datasheet
414Kb / 1P
   X-Band Transmitter
logo
Teledyne Technologies I...
MG5436 TELEDYNE-MG5436 Datasheet
1Mb / 4P
   X-Band Magnetron
logo
DAICO Industries, Inc.
DAML6231 DAICO-DAML6231 Datasheet
96Kb / 1P
   X-Band LNA
logo
Sanyo Semicon Device
SVD101 SANYO-SVD101 Datasheet
71Kb / 2P
   X Band VCO, PLO
SVD201 SANYO-SVD201 Datasheet
71Kb / 2P
   X Band VCO, PLO
logo
Qorvo, Inc
TGA2700 QORVO-TGA2700 Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
logo
United Monolithic Semic...
CHA5010B UMS-CHA5010B Datasheet
54Kb / 4P
   X Band Driver Amplifier
logo
Sanyo Semicon Device
SVD301 SANYO-SVD301 Datasheet
70Kb / 2P
   X Band VCO, PLO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com