Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR2421-QEG Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR2421-QEG
Description  23.75-24.5GHz Dual Rx Channel
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2421-QEG Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR2421-QEG_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2421-QEG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2421-QEG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2421-QEG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2421-QEG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2421-QEG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHR2421-QEG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2421-QEG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2421-QEG_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
23.75-24.5GHz Dual Rx Channel
CHR2421-QEG
Ref. : DSCHR2421-QEG2031 - 31 Jan 12
3/10
Specifications subject to change without notice
10 Avenue du Québec, SILIC 521 - 91946 COURTABOEUF Cedex - FRANCE
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
(1)
(1) Conversion gain is typically improved of +0.8dB with 220Ω IF optimum load.
(2)
(2) RXi to IFj Isolation (P_IFj-P_IFi) is typically improved of 2dB with 220_ IF optimum load.
These values are representative of on-board measurements.
Packaged RX is conditionally Stable (Stability guaranteed on UMS demo-board and for RF
loads VSWR <3:1).
Full temperature and supply voltage range.
Absolute Maximum Ratings
Tamb.= +25°C
Symbol
Parameter
Values
Unit
+VGi, +VDi
Maximum positive supply voltage
(1)
Minimum positive supply voltage
(1)
6
-0.5
V
+I_VG_BUF
Maximum Buffer VG positive supply current
(1)
16
mA
+I_VG_LNA
Maximum LNA VG positive supply current
(1)
20
mA
+I_VD_LNA
Maximum LNA VD positive supply current
(1)
135
mA
+I_BUF
Maximum Buffer VG & VD positive supply
current
(1)
85
mA
P_LO
LO port maximum peak input power overdrive
(1)
12
dBm
P_RF
RF port maximum peak input power overdrive
(1)
-12
dBm
Tj
Junction temperature
(2)
175
°C
Top
Operating temperature range
-40 to +125
°C
Tstg
Storage temperature range
-55 to +150
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.
(2) Top=Tcase. Operation of this device above these parameters may cause permanent
damage or reduce MTTF.


Similar Part No. - CHR2421-QEG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2421-QEG21 UMS-CHR2421-QEG21 Datasheet
711Kb / 10P
   23.75-24.5GHz Dual Rx Channel
More results

Similar Description - CHR2421-QEG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2421-QEG UMS-CHR2421-QEG Datasheet
711Kb / 10P
   23.75-24.5GHz Dual Rx Channel
CHR2411-QDG UMS-CHR2411-QDG Datasheet
646Kb / 8P
   22-24.5GHz RX Multifunction
CHR2411-QDG UMS-CHR2411-QDG_13 Datasheet
587Kb / 10P
   22-24.5GHz RX Multifunction
CHR2411-QDG UMS-CHR2411-QDG_15 Datasheet
598Kb / 10P
   22-24.5GHz RX Multifunction
CHV2421-QDG UMS-CHV2421-QDG_15 Datasheet
948Kb / 12P
   24-24.5GHz Tx Multifunction
logo
Radiometrix Ltd
ENR1 RADIOMETRIX-ENR1 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
ENT1 RADIOMETRIX-ENT1_14 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
logo
Maxim Integrated Produc...
DS1877 MAXIM-DS1877 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
Rev 1; 4/10
DS1877 MAXIM-DS1877_V01 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
19-5188; Rev 1; 4/10
logo
Abracon Corporation
AWCCA-RX350300-101 ABRACON-AWCCA-RX350300-101 Datasheet
434Kb / 3P
   20W RX DUAL MODE WIRELESS CHARGING COIL
09/02/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com