Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3364-QEG Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHR3364-QEG
Description  17-24GHz Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3364-QEG Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHR3364-QEG_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CHR3364-QEG
RoHS COMPLIANT
Ref. : DSCHR3364-QEG1192 - 11 Jul 11
1/14
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - BP46 - 91401 Orsay Cedex France
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
17-24GHz Down Converter
GaAs Monolithic Microwave IC in SMD leadless package
Description
The
CHR3364-QEG
is
a
multifunction
monolithic
receiver,
which
integrates
a
balanced cold FET mixer, a LO chain with
buffers associated to a time two multiplier,
and a RF low noise amplifier including gain
control.
It
is
designed
for
a
wide
range
of
applications, from military to commercial
communication systems.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes
through
the
substrate,
air
bridges
and
electron beam gate lithography.
It is supplied in RoHS compliant SMD
package.
Main Features
Noise figure
■ Broadband performances: 17-24GHz
■ 11dB Conversion gain
■ 17dBc Image Rejection
■ 1dBm Input IP3
■ 2.7dB Noise Figure for IF>0.1GHz
■ 0dBm LO input Power
■ DC bias: Vd=4V @ Id=320mA
■ 24L-QFN4x5
■ MSL1
Main Electrical Characteristics
Tamb.= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
17.0
24.0
GHz
FLO
LO frequency range
6.5
14.0
GHz
FIF
IF frequency range
DC
3.5
GHz
CG
Conversion gain
11.0
dB
UMS
R3364
YYWW
0
1
2
3
4
5
6
7
8
9
10
17
18
19
20
21
22
23
24
RF Frequency (GHz)
USB
LSB


Similar Part No. - CHR3364-QEG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3362-QEG UMS-CHR3362-QEG Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
CHR3362-QEG20 UMS-CHR3362-QEG20 Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
CHR3362-QEG21 UMS-CHR3362-QEG21 Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
More results

Similar Description - CHR3364-QEG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3663-QEG UMS-CHR3663-QEG_11 Datasheet
451Kb / 18P
   17-24GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG_15 Datasheet
475Kb / 18P
   17-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293 Datasheet
97Kb / 4P
   20-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293_05 Datasheet
72Kb / 4P
   20-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293_11 Datasheet
96Kb / 4P
   20-24GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG Datasheet
453Kb / 16P
   17-24GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHA2090 UMS-CHA2090 Datasheet
130Kb / 8P
   17-24GHz Low Noise Amplifier
CHA4253AQQG UMS-CHA4253AQQG_15 Datasheet
659Kb / 14P
   17- 24GHz Medium Power Amplifier
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG Datasheet
775Kb / 22P
   17-27GHz Down-Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com