Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3693-99F Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHR3693-99F
Description  21-26.5GHz Integrated Down converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3693-99F Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CHR3693-99F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3693-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CHR3693-99F
21-26.5GHz Integrated Down
converter
Ref. : DSCHR36931192 - 11 Jul 11
6/8
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Recommended assembly plan
25µm wedge bonding is preferred
Recommended circuit bonding table
Label
Type
Decoupling
Comment
Vgx
Vg
120pF
Multiplier gate control
Vdx
Vd
120pF
Multiplier chain Drain Supply
Vgm
Vg
120pF
Mixer gate control
Vdl
Vd
120pF
LNA Drain Supply
Q
OUT
I
OUT
X2
RF
IN
LO
IN
To Vgx DC Gate Supply
To Vdx DC Drain Supply
120pF To Vgm DC Gate Supply
To Vdl DC Drain Supply
120pF
120pF
120pF
Q
OUT
I
OUT
Q
OUT
I
OUT
X2
X2
RF
IN
LO
IN
To Vgx DC Gate Supply
To Vdx DC Drain Supply
120pF
120pF To Vgm DC Gate Supply
To Vdl DC Drain Supply
120pF
120pF
120pF


Similar Part No. - CHR3693-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3693-99F00 UMS-CHR3693-99F00 Datasheet
449Kb / 8P
   21-26.5GHz Integrated Down converter
More results

Similar Description - CHR3693-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3693-99F UMS-CHR3693-99F Datasheet
449Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_12 Datasheet
581Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_15 Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693 UMS-CHR3693 Datasheet
254Kb / 6P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG Datasheet
904Kb / 10P
   21-26.5GHz Down converter
CHA5197A UMS-CHA5197A Datasheet
287Kb / 6P
   21-26.5GHz Medium Power Amplifier
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com