Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9042AESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9042AESA
Description  Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9042AESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9042AESA Datasheet HTML 1Page - Maxim Integrated Products MAX9042AESA Datasheet HTML 2Page - Maxim Integrated Products MAX9042AESA Datasheet HTML 3Page - Maxim Integrated Products MAX9042AESA Datasheet HTML 4Page - Maxim Integrated Products MAX9042AESA Datasheet HTML 5Page - Maxim Integrated Products MAX9042AESA Datasheet HTML 6Page - Maxim Integrated Products MAX9042AESA Datasheet HTML 7Page - Maxim Integrated Products MAX9042AESA Datasheet HTML 8Page - Maxim Integrated Products MAX9042AESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ns
Micropower, Single-Supply,
SOT23 Comparator + Precision Reference ICs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—B Grade (1% initial accuracy) (continued)
(VCC = +5V, VEE = 0, VCM = 0, IOUT = 0, IREF = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)
∆VREF/
∆lREF
ISC
THYST
tR/tF
∆VREF/
∆VCC
TCVREF
VREF
tPD+/tPD-
tPU
PSRR
CMVR
CMRR
VOH
VOL
CIN
ISC
IOS
IB
VHYST
VOS
SYMBOL
MAX9050–MAX9053
MAX9040–MAX9043
MAX9040–MAX9043
MAX9050–MAX9053
50mV overdrive
VCC = 2.7V
VCC = 5V
Sinking: -500µA
≤ IREF ≤ 0
Sourcing: 0
≤ IREF ≤ 500µA
VREF = VEE or VCC
1000h at TA = +25°C
3.5
6
µV/mA
24
+50
+200
Load Regulation
mA
4
Output Short-Circuit Current
ppm
130
Thermal Hysteresis (Note 10)
ppm
100
Long-Term Stability
CL = 200pF
CL = 50pF
CL = 15pF
2.5V
≤ VCC ≤ 5.5V
TA = +25°C
CL = 15pF,
VCC = 2.7V
Time to VOUT valid logic state
80
ns
50
40
Output Rise/Fall Times
µV/V
+50
+200
Line Regulation
ppm/°C
20
100
Output Voltage Temperature
Coefficient (Note 9)
2.475
2.500
2.525
V
2.028
2.048
2.068
Output Voltage
450
Output Propagation Delay
(Note 8)
400
µs
µs
20
Power-Up Time
MAX9040–MAX9043, 2.5V
≤ VCC ≤ 5.5V
Specified common-mode range
VCC = 2.7V, ISOURCE = 3.5mA
VCC = 5V, ISOURCE = 8mA
VCC = 2.7V, ISINK = 3.5mA
VCC = 5V, ISINK = 8mA
MAX9050–MAX9053, 2.7V
≤ VCC ≤ 5.5V
dB
55
80
Power-Supply Rejection Ratio
dB
52
80
V
VEE
VCC
Common-Mode Voltage Range
(Notes 4, 7)
Common-Mode Rejection Ratio
(Note 4)
2.55
V
4.45
4.85
Output Voltage High
0.15
V
0.2
0.55
Output Voltage Low
55
80
pF
2.5
Input Capacitance (Note 4)
mA
95
Output Short-Circuit Current
35
Specified common-mode range
Specified common-mode range
Over entire common-mode range
CONDITIONS
pA
±0.5
Input Offset Current (Note 4)
nA
±0.001
±25.0
Input Bias Current
(Notes 4, 5, 6)
mV
±3.0
Input Hysteresis
mV
±1
±9.0
Input Offset Voltage (Note 3)
UNITS
MIN
TYP
MAX
PARAMETER
VOUT = VEE or VCC
ns
100mV overdrive
COMPARATOR
VOLTAGE REFERENCE


Similar Part No. - MAX9042AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9042AESA MAXIM-MAX9042AESA Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
More results

Similar Description - MAX9042AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9039 MAXIM-MAX9039 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9043 MAXIM-MAX9043 Datasheet
417Kb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 1; 10/04
MAX9038 MAXIM-MAX9038 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com