Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5421-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5421-Q1
Description  TAS5421-Q1 22-W Mono Automotive Digital-Audio Amplifier With Load Dump and I2C Diagnostics
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5421-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5421-Q1_15 Datasheet HTML 6Page - Texas Instruments TAS5421-Q1_15 Datasheet HTML 7Page - Texas Instruments TAS5421-Q1_15 Datasheet HTML 8Page - Texas Instruments TAS5421-Q1_15 Datasheet HTML 9Page - Texas Instruments TAS5421-Q1_15 Datasheet HTML 10Page - Texas Instruments TAS5421-Q1_15 Datasheet HTML 11Page - Texas Instruments TAS5421-Q1_15 Datasheet HTML 12Page - Texas Instruments TAS5421-Q1_15 Datasheet HTML 13Page - Texas Instruments TAS5421-Q1_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
PVDD
GVDD
PVDD
BSTN
GND
OUTN
OUTP
GND
GVDD
BSTP
IN_P
IN_N
GND
Control
Speaker
Guard
Gain
Control
Pulse
Width
Modulator
(PWM)
Gate
Drive
Gate
Drive
Overcurrent Detection
DC Detection
Thermal Protection
Voltage Protection
Protection
Control
Diagnostics
Control
Short-to-Ground
Short-to-Power
Shorted Load
Open Load
Preamplifier
PVDD
GVDD
BYP
LDO
Regulator
FAULT
STANDBY
MUTE
SDA
SCL
I C
2
Biases
and
References
TAS5421-Q1
SLOS814C – MARCH 2014 – REVISED JANUARY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TAS5421-Q1 is a mono analog-input audio amplifier for use in the automotive environment. The design uses
an ultra-efficient class-D technology developed by Texas Instruments, but with features added for the automotive
industry. This technology allows for reduced power consumption, reduced heat, and reduced peak currents in the
electrical system. The device realizes an audio sound system design with smaller size and lower weight than
traditional class-AB solutions.
There are seven core design blocks:
PWM
Gate drive
Power FETs
Diagnostics
Protection
Power supply
I2C serial communication bus
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Analog Audio Input and Preamplifier
The differential input stage of the amplifier cancels common-mode noise that appears on the inputs. For a
differential audio source, connect the positive lead to IN_P and the negative lead to IN_N. The inputs must be
ac-coupled to minimize the output dc-offset and ensure correct ramping of the output voltages. For good
transient performance, the impedance seen at each of the two differential inputs should be the same.
The gain setting impacts the analog input impedance of the amplifier. See Table 1 for typical values.
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TAS5421-Q1


Similar Part No. - TAS5421-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5421-Q1 TI1-TAS5421-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Automotive Digital-Audio Amplifier
More results

Similar Description - TAS5421-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5431-Q1 TI1-TAS5431-Q1 Datasheet
700Kb / 28P
[Old version datasheet]   TAS5431-Q1 8-W Mono Automotive Digital-audio Amplifier with Load Dump and I2C Diagnostics
TAS5441-Q1 TI1-TAS5441-Q1 Datasheet
615Kb / 28P
[Old version datasheet]   TAS5441-Q1 22-W Analog Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
[Old version datasheet]   TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6422E-Q1 TI-TAS6422E-Q1 Datasheet
1,013Kb / 6P
[Old version datasheet]   TAS6422E-Q1 45-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424R-Q1 TI1-TAS6424R-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
REVISED SEPTEMBER 2023
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com