Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5421QPWPRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5421QPWPRQ1
Description  TAS5421-Q1 22-W Mono Automotive Digital-Audio Amplifier With Load Dump and I2C Diagnostics
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5421QPWPRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5421QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TAS5421QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TAS5421QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TAS5421QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TAS5421QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TAS5421QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TAS5421QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TAS5421QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TAS5421QPWPRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
SCL
SDA
t
h(2)
t
(buf)
t
su(2)
t
su(3)
Start
Condition
Stop
Condition
T0028-02
SCL
SDA
t
w(H)
t
w(L)
t
r
t
f
t
su(1)
t
h(1)
T0027-03
TAS5421-Q1
www.ti.com
SLOS814C – MARCH 2014 – REVISED JANUARY 2015
6.6 Timing Requirements for I
2C Interface Signals
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
f(SCL)
SCL clock frequency
400
kHz
tr
Rise time for both SDA and SCL signals
300
ns
tf
Fall time for both SDA and SCL signals
300
ns
tw(H)
SCL pulse duration, high
0.6
μs
tw(L)
SCL pulse duration, low
1.3
μs
tsu(2)
Setup time for START condition
0.6
μs
th(2)
START condition hold time before generation of first clock pulse
0.6
μs
tsu(1)
Data setup time
100
ns
th(1)
Data hold time
0(1)
ns
tsu(3)
Setup time for STOP condition
0.6
μs
C(B)
Load capacitance for each bus line
400
pF
(1)
A device must internally provide a hold time of at least 300 ns for the SDA signal to bridge the undefined region of the falling edge of
SCL.
Figure 1. SCL and SDA Timing
Figure 2. Timing for Start and Stop Conditions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TAS5421-Q1


Similar Part No. - TAS5421QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5421QPWPRQ1 TI1-TAS5421QPWPRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Automotive Digital-Audio Amplifier
More results

Similar Description - TAS5421QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5431-Q1 TI1-TAS5431-Q1 Datasheet
700Kb / 28P
[Old version datasheet]   TAS5431-Q1 8-W Mono Automotive Digital-audio Amplifier with Load Dump and I2C Diagnostics
TAS5441-Q1 TI1-TAS5441-Q1 Datasheet
615Kb / 28P
[Old version datasheet]   TAS5441-Q1 22-W Analog Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
[Old version datasheet]   TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6422E-Q1 TI-TAS6422E-Q1 Datasheet
1,013Kb / 6P
[Old version datasheet]   TAS6422E-Q1 45-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424R-Q1 TI1-TAS6424R-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
REVISED SEPTEMBER 2023
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com