Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8868EUK36-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8868EUK36-T
Description  Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8868EUK36-T Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX8868EUK36-T Datasheet HTML 1Page - Maxim Integrated Products MAX8868EUK36-T Datasheet HTML 2Page - Maxim Integrated Products MAX8868EUK36-T Datasheet HTML 3Page - Maxim Integrated Products MAX8868EUK36-T Datasheet HTML 4Page - Maxim Integrated Products MAX8868EUK36-T Datasheet HTML 5Page - Maxim Integrated Products MAX8868EUK36-T Datasheet HTML 6Page - Maxim Integrated Products MAX8868EUK36-T Datasheet HTML 7Page - Maxim Integrated Products MAX8868EUK36-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low-Noise, Low-Dropout,
150mA Linear Regulators in SOT23
_______________________________________________________________________________________
7
An external bypass capacitor connected to the BP pin
reduces noise at the output. Additional blocks include a
current limiter, reverse battery protection, thermal sen-
sor, and shutdown logic. The MAX8868 also includes
an auto-discharge function, which actively discharges
the output voltage to ground when the device is placed
in shutdown mode.
Output Voltage
The MAX8867/MAX8868 are supplied with factory-set
output voltages from 2.5V to 5V, in 100mV increments.
Except for the MAX886_EUK29 and the MAX886_EUK32
(which have an output voltage preset at 2.84V and
3.15V, respectively), the two-digit suffix allows the cus-
tomer to choose the output voltage in 100mV increments.
For example, the MAX8867EUK33 has a preset output
voltage of 3.3V. (see
Expanded Ordering Information).
Internal P-Channel Pass Transistor
The MAX8867/MAX8868 feature a 1.1
Ω typical P-chan-
nel MOSFET pass transistor. This provides several
advantages over similar designs using PNP pass tran-
sistors, including longer battery life. The P-channel
MOSFET requires no base drive, which reduces quies-
cent current considerably. PNP-based regulators waste
considerable current in dropout when the pass transis-
tor saturates. They also use high base-drive currents
under large loads. The MAX8867/MAX8868 do not suf-
fer from these problems and consume only 100µA of
quiescent current whether in dropout, light-load, or
heavy-load applications (see the
Typical Operating
Characteristics).
Current Limit
The MAX8867/MAX8868 include a current limiter, which
monitors and controls the pass transistor’s gate voltage,
limiting the output current to 390mA. For design purposes,
consider the current limit to be 160mA minimum to 500mA
maximum. The output can be shorted to ground for an
indefinite amount of time without damaging the part.
Thermal-Overload Protection
Thermal-overload protection limits total power dissipa-
tion in the MAX8867/MAX8868. When the junction tem-
perature exceeds TJ = +170°C, the thermal sensor
signals the shutdown logic, turning off the pass transis-
tor and allowing the IC to cool. The thermal sensor will
turn the pass transistor on again after the IC’s junction
temperature cools by 20°C, resulting in a pulsed output
during continuous thermal-overload conditions.
Thermal-overload protection is designed to protect the
MAX8867/MAX8868 in the event of fault conditions. For
continual operation, do not exceed the absolute maxi-
mum junction-temperature rating of TJ = +150°C.
Operating Region and Power Dissipation
The MAX8867/MAX8868’s maximum power dissipation
depends on the thermal resistance of the case and cir-
cuit board, the temperature difference between the die
junction and ambient air, and the rate of air flow. The
power dissipation across the device is P = IOUT (VIN -
VOUT). The maximum power dissipation is:
PMAX = (TJ - TA) / (
θJB + θBA)
where TJ - TA is the temperature difference between the
MAX8867/MAX8868 die junction and the surrounding
air,
θJB (or θJC) is the thermal resistance of the pack-
age, and
θBA is the thermal resistance through the
printed circuit board, copper traces, and other materi-
als to the surrounding air.
The GND pin of the MAX8867/MAX8868 performs the
dual function of providing an electrical connection to
ground and channeling heat away. Connect the GND
pin to ground using a large pad or ground plane.
Reverse Battery Protection
The MAX8867/MAX8868 have a unique protection
scheme that limits the reverse supply current to 1mA
when either VIN or VSHDN falls below ground. Their cir-
cuitry monitors the polarity of these two pins and dis-
connects the internal circuitry and parasitic diodes
when the battery is reversed. This feature prevents
device damage.
Noise Reduction
An external 0.01µF bypass capacitor at BP, in conjunction
with an internal 200k
Ω resistor, creates a 80Hz lowpass
filter for noise reduction. The MAX8867/MAX8868 exhibit
30µVRMS of output voltage noise with CBP = 0.01µF
and COUT = 10µF. Start-up time is minimized by a
power-on circuit that pre-charges the bypass capacitor.
The
Typical Operating Characteristics show graphs of
Noise vs. BP Capacitance, Noise vs. Load Current, and
Output Noise Spectral Density.
__________Applications Information
Capacitor Selection and
Regulator Stability
Normally, use a 1µF capacitor on the MAX8867/
MAX8868’s input and a 1µF to 10µF capacitor on the
output. Larger input capacitor values and lower ESRs
provide better supply-noise rejection and line-transient
response. Reduce noise and improve load-transient
response, stability, and power-supply rejection by
using large output capacitors. For stable operation over
the full temperature range and with load currents up to
150mA, a minimum of 1µF is recommended. Note that
some ceramic dielectrics exhibit large capacitance and


Similar Part No. - MAX8868EUK36-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8868EUKXY-T MAXIM-MAX8868EUKXY-T Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
More results

Similar Description - MAX8868EUK36-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
MAX8882 MAXIM-MAX8882 Datasheet
244Kb / 8P
   Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23
logo
SG Micro Corp
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
   150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8887 MAXIM-MAX8887 Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
MAX8887 MAXIM-MAX8887_09 Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com