Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9109EXT-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9109EXT-T
Description  25ns, Dual/Quad/Single, Low-Power, TTL Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9109EXT-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9109EXT-T Datasheet HTML 1Page - Maxim Integrated Products MAX9109EXT-T Datasheet HTML 2Page - Maxim Integrated Products MAX9109EXT-T Datasheet HTML 3Page - Maxim Integrated Products MAX9109EXT-T Datasheet HTML 4Page - Maxim Integrated Products MAX9109EXT-T Datasheet HTML 5Page - Maxim Integrated Products MAX9109EXT-T Datasheet HTML 6Page - Maxim Integrated Products MAX9109EXT-T Datasheet HTML 7Page - Maxim Integrated Products MAX9109EXT-T Datasheet HTML 8Page - Maxim Integrated Products MAX9109EXT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
25ns, Dual/Quad/Single, Low-Power,
TTL Comparators
_________________________________________________________________________________________________
5
5ns/div
PROPAGATION DELAY (tPD-)
OVERDRIVE
10mV
OUTPUT
1V/div
INPUT
50mV/div
10ns/div
PROPAGATION DELAY (tPD+)
INPUT
50mV/div
OVERDRIVE
10mV
OUTPUT
1V/div
50ns/div
SINUSOID 2MHz RESPONSE
INPUT
50mV/div
OUTPUT
1V/div
40
35
30
25
20
040
20
60
80
100
PROPAGATION DELAY
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
VOD = 10mV
RS = 10
tPD+
tPD-
10
20
30
40
-60
20
0
-40 -20
40 60 80 100 120 140
PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
VOD = 10mV
RS = 10
CLOAD = 15pF
tPD+
tPD-
0
10
10k
1k
100
PROPAGATION DELAY
vs. SOURCE IMPEDANCE
100
40
20
80
60
SOURCE IMPEDANCE (
Ω)
VOD = 5mV
CLOAD = 15pF
tPD+
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, VCM = 0, CL = 15pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9109EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9100 MAXIM-MAX9100 Datasheet
267Kb / 8P
   1.0V Micropower SOT23 Comparators
Rev 0; 10/00
MAX9100 MAXIM-MAX9100 Datasheet
192Kb / 8P
   1.0V Micropower SOT23 Comparators
Rev 1; 1/07
MAX9100ESA MAXIM-MAX9100ESA Datasheet
267Kb / 8P
   1.0V Micropower SOT23 Comparators
Rev 0; 10/00
MAX9100ESA MAXIM-MAX9100ESA Datasheet
192Kb / 8P
   1.0V Micropower SOT23 Comparators
Rev 1; 1/07
MAX9100EUK MAXIM-MAX9100EUK Datasheet
192Kb / 8P
   1.0V Micropower SOT23 Comparators
Rev 1; 1/07
More results

Similar Description - MAX9109EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
logo
ams AG
AS1970 AMSCO-AS1970_1 Datasheet
754Kb / 18P
   Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970_05 Datasheet
1Mb / 19P
   Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970 Datasheet
147Kb / 2P
   Low-Voltage Single/Dual/Quad Comparators
logo
Maxim Integrated Produc...
MAX976 MAXIM-MAX976 Datasheet
120Kb / 8P
   Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 1; 1/98
MAX976 MAXIM-MAX976_09 Datasheet
228Kb / 11P
   Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 3; 3/09
MAX9686 MAXIM-MAX9686_06 Datasheet
83Kb / 5P
   Single/Dual, Very Fast TTL Output Comparators
Rev 2; 6/90
logo
3PEAK INC.
LM393 3PEAK-LM393 Datasheet
1Mb / 13P
   36V Low Power Dual/Quad Differential Comparators
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com