Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3861-QEG Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHR3861-QEG
Description  6-9GHz Integrated Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3861-QEG Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHR3861-QEG Datasheet HTML 1Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 2Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 3Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3861-QEG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
6-9GHz Down Converter
CHR3861-QEG
RefDSCHR3861-QEG1192 - 11 Jul 11
5/18
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Device thermal performances
All the figures given in this section are obtained assuming that the QFN device is cooled
down only by conduction through the package thermal pad (convection mode not
considered).
The temperature is monitored at the package back-side interface (Tcase) as shown below.
The system maximum temperature must be adjusted in order to guarantee that Tcase
remains below than the maximum value specified in the next table. So, the system PCB must
be designed to comply with this requirement.
A derating must be applied on the dissipated power if the Tcase temperature can not be
maintained below than the maximum temperature specified in order to guarantee the nominal
device life time (MTTF) (see the curve Pdiss. Max below).
Recommended max. junction temperature (Tj max)
:
164 °C
Junction temperature absolute maximum rating
:
175 °C
Max. continuous dissipated power (Pdiss. Max.)
:
1.5 W
=> Pdiss. Max. derating above Tcase
(1)= 85
°C :
19 mW/°C
Junction-Case thermal resistance (Rth J-C)
(2)
:
<51 °C/W
Minimum Tcase operating temperature
(3)
:
-40 °C
Maximum Tcase operating temperature
(3)
:
85 °C
Minimum storage temperature
:
-55 °C
Maximum storage temperature
:
150 °C
(1) Derating at junctio n temperature co nstant = Tj max.
(2) Rth J-C is calculated fo r a wo rst case co nsidering the ho t t e s t junc t io n
o f the M M IC and all the devices biased.
(3) Tcase=P ackage back side temperature measured under the die-attach-pad (see the drawing belo w).
6.1
DEVICE THERMAL SPECIFICATION : CHR3861-QEG
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
175
Tcase (°C)
Pdiss. Max. @Tj <Tj max (W)
Tcase
Example: QFN 16L 3x3
Location of temeprature
reference point (Tcase)
on package's bottom side


Similar Part No. - CHR3861-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3861-QEG UMS-CHR3861-QEG Datasheet
611Kb / 18P
   6-9GHz Integrated Down Converter
CHR3861-QEG20 UMS-CHR3861-QEG20 Datasheet
611Kb / 18P
   6-9GHz Integrated Down Converter
CHR3861-QEG21 UMS-CHR3861-QEG21 Datasheet
611Kb / 18P
   6-9GHz Integrated Down Converter
More results

Similar Description - CHR3861-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3861-QEG UMS-CHR3861-QEG Datasheet
611Kb / 18P
   6-9GHz Integrated Down Converter
CHR3762-QDG UMS-CHR3762-QDG Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHM1481-QFG UMS-CHM1481-QFG_15 Datasheet
456Kb / 10P
   6-9GHz Direct Quadrature Modulator
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHM1481-QFG UMS-CHM1481-QFG Datasheet
456Kb / 10P
   6-9GHz Direct Quadrature Modulator
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
   36- 40GHz Integrated Down Converter
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
   12-16GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
   17-20GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com