Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6347UR33-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6347UR33-T
Description  3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6347UR33-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6347UR33-T Datasheet HTML 1Page - Maxim Integrated Products MAX6347UR33-T Datasheet HTML 2Page - Maxim Integrated Products MAX6347UR33-T Datasheet HTML 3Page - Maxim Integrated Products MAX6347UR33-T Datasheet HTML 4Page - Maxim Integrated Products MAX6347UR33-T Datasheet HTML 5Page - Maxim Integrated Products MAX6347UR33-T Datasheet HTML 6Page - Maxim Integrated Products MAX6347UR33-T Datasheet HTML 7Page - Maxim Integrated Products MAX6347UR33-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3-Pin, Ultra-Low-Power SC70/SOT
µP Reset Circuits
4
_______________________________________________________________________________________
____________ Applications Information
Interfacing to µPs with
Bidirectional Reset Pins
Since the RESET output on the MAX6328/MAX6348 is
open drain, these devices interface easily with micro-
processors (µPs) that have bidirectional reset pins,
such as the Motorola 68HC11. Connecting the µP
supervisor’s RESET output directly to the microcon-
troller’s (µC’s) RESET pin with a single pull-up resistor
allows either device to assert reset (Figure 1).
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, these devices
are relatively immune to short-duration, negative-going
VCC transients (glitches).
The Typical Operating Characteristics show the Maxi-
mum Transient Duration vs. Reset Threshold Overdrive
graph, for which reset pulses are not generated. The
graph shows the maximum pulse width that a negative-
going VCC transient may typically have when issuing a
reset signal. As the amplitude of the transient increas-
es, the maximum allowable pulse width decreases.
Figure 1. Interfacing to µPs with Bidirectional Reset Pins
Table 1. Factory-Trimmed Reset Thresholds
Factory-trimmed reset thresholds are available in approximately 100mV increments with a 1.5% room-temperature variance.
RESET
GND
RESET
INPUT
MAX6328
MAX6348
MOTOROLA
68HCXX
µP
GND
VCC
VCC
VCC
3.800
3.895
3.857
3.705
3.700
3.743
38
3.792
3.755
3.607
3.644
37
3.600
3.690
3.654
3.510
3.500
3.546
36
3.587
3.552
3.412
3.447
35
3.400
3.485
3.451
3.315
3.300
3.349
34
3.383
3.350
3.217
3.250
33
3.080
3.150
3.126
3.003
3.000
3.034
31
3.075
3.045
2.925
2.955
30
2.930
3.000
2.974
2.857
2.800
2.886
29
2.870
2.842
2.730
2.758
28
2.700
2.768
2.741
2.633
2.630
2.660
27
2.696
2.669
2.564
2.591
26
2.500
2.562
2.537
2.437
2.400
2.462
25
2.460
2.436
2.340
2.364
24
2.320
2.375
2.355
2.262
2.285
23
MIN
TYP
MAX
MAX
MIN
TA = -40°C to +85°C
TA = +25°C
2.250
RESET THRESHOLD VOLTAGE, VTH (V)
2.145
2.233
2.200
2.167
SUFFIX
MAX634_ _R
MAX634_ _R
MAX634_ _R
MAX634_ _R
MAX634_ _R
MAX634_ _R
MAX632_ _R
MAX632_ _R
MAX632_ _R
MAX632_ _R
MAX632_ _R
MAX632_ _R
MAX632_ _R
MAX632_ _R
MAX632_ _R
PART
22
MAX632_ _R


Similar Part No. - MAX6347UR33-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6347 MAXIM-MAX6347 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
logo
NXP Semiconductors
MAX6347 PHILIPS-MAX6347 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6347-44D PHILIPS-MAX6347-44D Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6347-44W PHILIPS-MAX6347-44W Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6347-46D PHILIPS-MAX6347-46D Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
More results

Similar Description - MAX6347UR33-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com