Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX901B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX901B
Description  High-Speed, Low-Power Voltage Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX901B Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX901B Datasheet HTML 1Page - Maxim Integrated Products MAX901B Datasheet HTML 2Page - Maxim Integrated Products MAX901B Datasheet HTML 3Page - Maxim Integrated Products MAX901B Datasheet HTML 4Page - Maxim Integrated Products MAX901B Datasheet HTML 5Page - Maxim Integrated Products MAX901B Datasheet HTML 6Page - Maxim Integrated Products MAX901B Datasheet HTML 7Page - Maxim Integrated Products MAX901B Datasheet HTML 8Page - Maxim Integrated Products MAX901B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Speed, Low-Power Voltage Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VDD = +5V, LE1–LE4 = logic high, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Analog Supply Voltage (VCC to VEE) ...................................+12V
Digital Supply Voltage (VDD to GND) ....................................+7V
Differential Input Voltage..................(VEE - 0.2V) to (VCC + 0.2V)
Common-Mode Input Voltage..........(VEE - 0.2V) to (VCC + 0.2V)
Latch-Input Voltage (MAX900/MAX902/
MAX903 only) .........................................-0.2V to (VDD + 0.2V)
Output Short-Circuit Duration
To GND.......................................................................Indefinite
To VDD ...............................................................................1min
Internal Power Dissipation................................................500mW
Derate above +100°C ................................................10mW/°C
Operating Temperature Ranges:
MAX900–MAX903_C_ _ .......................................0°C to +70°C
MAX900–MAX903_E_ _ ....................................-40°C to +85°C
Junction Temperature........................................-65°C to +160°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
MAX900A/MAX901A
MAX900B/MAX901B/
MAX902/MAX903
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage
VOS
VCM = 0
VO = 1.4V
0.5
2.0
1.0
4.0
mV
Input Bias Current
IB
IIN+ or IIN-
3
6
4
10
µA
Input Offset Current
IOS
VCM = 0;
VO = 1.4V
50
250
100
500
nA
Input Voltage Range
VCM
(Note 1)
VEE - 0.1
VCC -
2.25
VEE - 0.1
VCC -
2.25
V
Common-Mode Rejection
Ratio
CMRR
-5V < VCM <
+2.75V,
VO = 1.4V
(Note 2)
50
150
75
250
µV/V
Power-Supply Rejection
Ratio
PSRR
(Note 2)
50
150
100
250
µV/V
Output High Voltage
VOH
VIN > 250mV,
ISRC = 1mA
2.4
3.5
2.4
3.5
V
Output Low Voltage
VOL
VIN > 250mV,
ISINK = 8mA
0.3
0.4
0.3
0.4
V
Latch-Input Voltage High
VLH
(Note 3)
1.4
2.0
1.4
2.0
V
Latch-Input Voltage Low
VLL
(Note 3)
0.8
1.4
0.8
1.4
V
Latch-Input Current High
ILH
VLH = 3.0V
(Note 3)
1
20
1
20
µA
Latch-Input Current Low
ILL
VLL = 0.3V
(Note 3)
1
20
1
20
µA


Similar Part No. - MAX901B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9010 MAXIM-MAX9010 Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9010EXT-T MAXIM-MAX9010EXT-T Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9011 MAXIM-MAX9011 Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9011EUT-T MAXIM-MAX9011EUT-T Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9012 MAXIM-MAX9012 Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
More results

Similar Description - MAX901B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901H STMICROELECTRONICS-LM2901H Datasheet
431Kb / 7P
   High Temperature Low Power Quad Voltage Comparators
LM2901H STMICROELECTRONICS-LM2901H_08 Datasheet
344Kb / 9P
   High temperature low power quad voltage comparators
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
   Low power quad voltage comparators
ver.07
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
   Low power dual voltage comparators
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
   Low-power quad voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com