Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX901B Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX901B
Description  High-Speed, Low-Power Voltage Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX901B Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX901B Datasheet HTML 3Page - Maxim Integrated Products MAX901B Datasheet HTML 4Page - Maxim Integrated Products MAX901B Datasheet HTML 5Page - Maxim Integrated Products MAX901B Datasheet HTML 6Page - Maxim Integrated Products MAX901B Datasheet HTML 7Page - Maxim Integrated Products MAX901B Datasheet HTML 8Page - Maxim Integrated Products MAX901B Datasheet HTML 9Page - Maxim Integrated Products MAX901B Datasheet HTML 10Page - Maxim Integrated Products MAX901B Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
High-Speed, Low-Power Voltage Comparators
_______________________________________________________________________________________
7
PIN
NAME
FUNCTION
1, 10, 11, 20
IN- (A, B, C, D)
Negative Input
(Channels A, B, C, D)
2, 9, 12, 19
IN+ (A, B, C, D)
Positive Input
(Channels A, B, C, D)
3
GND
Ground Terminal
4, 7, 14, 17
LATCH (A, B, C,
D)
Latch Input (Channels
A, B, C, D)
5, 6, 15, 16
OUT (A, B, C, D)
Output (Channels A, B,
C, D)
8VEE
Negative Analog
Supply and Substrate
13
VDD
Positive Digital Supply
18
VCC
Positive Analog Supply
PIN
NAME
FUNCTION
1, 8
IN- (A, B)
Negative Input
(Channels A, B)
2, 9
IN+ (A, B)
Positive Input
(Channels A, B)
3
GND
Ground Terminal
4, 11
LATCH (A, B)
Latch Input (Channels
A, B)
5, 12
OUT (A, B)
Output (Channels A, B)
6, 13
N.C.
No Connection. Not
internally connected.
7VEE
Negative Analog
Supply and Substrate
10
VDD
Positive Digital Supply
14
VCC
Positive Analog Supply
PIN
NAME
FUNCTION
1VCC
Positive Analog Supply
2
IN+
Positive Input
3
IN-
Negative Input
4VEE
Negative Analog
Supply and Substrate
5
LATCH
Latch Input
6
GND
Ground Terminal
7
OUT
Output
8VDD
Positive Digital Supply
PIN
NAME
FUNCTION
1, 8, 9, 16
IN- (A, B, C, D)
Negative Input
(Channels A, B, C, D)
2, 7, 10, 15
IN+ (A, B, C, D)
Positive Input
(Channels A, B, C, D)
3
GND
Ground Terminal
4, 5, 12, 13
OUT (A, B, C, D)
Output (Channels A,
B, C, D)
6VEE
Negative Analog
Supply and Substrate
11
VDD
Positive Digital Supply
14
VCC
Positive Analog
Supply
Pin Descriptions
MAX900
MAX901
MAX902
MAX903


Similar Part No. - MAX901B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9010 MAXIM-MAX9010 Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9010EXT-T MAXIM-MAX9010EXT-T Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9011 MAXIM-MAX9011 Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9011EUT-T MAXIM-MAX9011EUT-T Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9012 MAXIM-MAX9012 Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
More results

Similar Description - MAX901B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901H STMICROELECTRONICS-LM2901H Datasheet
431Kb / 7P
   High Temperature Low Power Quad Voltage Comparators
LM2901H STMICROELECTRONICS-LM2901H_08 Datasheet
344Kb / 9P
   High temperature low power quad voltage comparators
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
   Low power quad voltage comparators
ver.07
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
   Low power dual voltage comparators
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
   Low-power quad voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com