Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG8080 Datasheet(PDF) 7 Page - Solid State Optronic

Part # SG8080
Description  IGBT Gate Drive Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SG8080 Datasheet(HTML) 7 Page - Solid State Optronic

Back Button SG8080 Datasheet HTML 3Page - Solid State Optronic SG8080 Datasheet HTML 4Page - Solid State Optronic SG8080 Datasheet HTML 5Page - Solid State Optronic SG8080 Datasheet HTML 6Page - Solid State Optronic SG8080 Datasheet HTML 7Page - Solid State Optronic SG8080 Datasheet HTML 8Page - Solid State Optronic SG8080 Datasheet HTML 9Page - Solid State Optronic SG8080 Datasheet HTML 10Page - Solid State Optronic SG8080 Datasheet HTML 11Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© 2015 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 7 of 15
SG8080 /H/S/TR
Rev03 (02/02/2015)
002352
SG8080
2A Output Current
IGBT Gate Drive Optocoupler
Figure 13: Propagation Delay (t
P) vs. Series Load
Resistance (Rg)
Figure 14: Propagation Delay (t
P) vs. Load Capacitance (Cg)
Figure 16: Transfer Characteristics
Figure 15: Forward Current (IF) vs. Forward Voltage (VF)
Rg – Load Resistance (Ω)
Cg – Load Capacitance (nF)
VF – Forward Voltage (V)
IF – Forward Current (mA)
SG8080 Performance & Characteristics Plots, continued… TA = 25°C (unless otherwise specified)


Similar Part No. - SG8080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG8002CE ETC-SG8002CE Datasheet
104Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
SG8002DB EPSON-SG8002DB Datasheet
151Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG8002DC EPSON-SG8002DC Datasheet
151Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG8002JC ETC-SG8002JC Datasheet
19Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Toshiba Semiconductor
SG800EX25 TOSHIBA-SG800EX25 Datasheet
124Kb / 2P
   GATE TURN-OFF THYRISTOR
More results

Similar Description - SG8080

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SG8050 SSOUSA-SG8050 Datasheet
734Kb / 15P
   IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T251 HP-HCPL-T251 Datasheet
177Kb / 6P
   0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
logo
ON Semiconductor
FOD8334 ONSEMI-FOD8334 Datasheet
965Kb / 35P
   IGBT Drive Optocoupler
May 2017 Rev. 1.0
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com