Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9050BEUK-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9050BEUK-T
Description  Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9050BEUK-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9050BEUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX9050BEUK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Micropower, Single-Supply,
SOT23 Comparator + Precision Reference ICs
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—B Grade (1% initial accuracy) (continued)
(VCC = +5V, VEE = 0, VCM = 0, IOUT = 0, IREF = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)
Note 1: All devices are 100% production tested at TA = +25°C. Limits over the extended temperature range are guaranteed by
design, not production tested.
Note 2: Supply voltage range guaranteed by PSRR test on comparator and line regulation of REF.
Note 3: VOS is defined as the center of the input-referred hysteresis band.
Note 4: For the comparators with the inverting input (IN-) uncommitted.
Note 5: Input bias current is the average of the inverting and noninverting input bias currents.
Note 6: Not production tested. Guaranteed by design.
Note 7: Guaranteed by CMRR test.
Note 8: VOVERDRIVE is beyond the offset and hysteresis determined trip point.
Note 9: Temperature coefficient is measured by the box method; i.e., the maximum
∆VREF is divided by the maximum ∆T.
Note 10: Thermal hysteresis is defined as the change in VREF at +25°C before and after cycling the device from TMIN to TMAX.
Typical Operating Characteristics
(VCC = +5V, VEE = 0, VCM = 0, IOUT = 0, IREF = 0, TA = +25°C, unless otherwise noted.)
0
10
30
20
50
40
60
-40
0
-20
20
40
60
80
MAX9040/MAX9041/MAX9050/MAX9051
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +5.0V
VIN+ > VIN-
VCC = +2.7V
0
10
30
20
50
40
60
-40
0
-20
20
40
60
80
MAX9042/MAX9043/MAX9052/MAX9053
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +5.0V
VIN+ > VIN-
VCC = +2.7V
0.01
0.1
1
10
100
1000
200
150
100
50
0
MAX9040/MAX9041/MAX9050/MAX9051
SUPPLY CURRENT vs. SWITCHING FREQUENCY
SWITCHING FREQUENCY (kHz)
VCC = +5.0V
VCC = +2.7V
CL(VREF)
tR(VREF)
∆VREF/
∆VCC
EOUT
SYMBOL
To VREF = 1% of final value
VCC = 5V ±100mV, f = 120Hz
f = 10Hz to 10kHz
f = 0.1Hz to 10Hz
nF
0
4.7
Capacitive Load Stability Range
(Note 6)
µs
200
Turn-On Settling Time
dB
84
Ripple Rejection
µVRMS
105
µVp-p
40
Noise Voltage
CONDITIONS
UNITS
MIN
TYP
MAX
PARAMETER


Similar Part No. - MAX9050BEUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9050BEUK-T MAXIM-MAX9050BEUK-T Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
More results

Similar Description - MAX9050BEUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9039 MAXIM-MAX9039 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
MAX9043 MAXIM-MAX9043 Datasheet
417Kb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 1; 10/04
MAX9038 MAXIM-MAX9038 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com