Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9125ESE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9125ESE
Description  Quad LVDS Line Receivers with Integrated Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9125ESE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9125ESE Datasheet HTML 1Page - Maxim Integrated Products MAX9125ESE Datasheet HTML 2Page - Maxim Integrated Products MAX9125ESE Datasheet HTML 3Page - Maxim Integrated Products MAX9125ESE Datasheet HTML 4Page - Maxim Integrated Products MAX9125ESE Datasheet HTML 5Page - Maxim Integrated Products MAX9125ESE Datasheet HTML 6Page - Maxim Integrated Products MAX9125ESE Datasheet HTML 7Page - Maxim Integrated Products MAX9125ESE Datasheet HTML 8Page - Maxim Integrated Products MAX9125ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Quad LVDS Line Receivers with
Integrated Termination
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, differential input voltage |VID| = 0.1V to 1.0V, common-mode voltage VCM = |VID/2| to 2.4V - |VID/2|, TA =
-40°C to +85°C. Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +4.0V
IN_+, IN_- to GND .................................................-0.3V to +4.0V
EN, EN to GND ...........................................-0.3V to (VCC + 0.3V)
OUT_ to GND .............................................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
16-Pin TSSOP (derate 9.4mW/°C above +70°C) .........755mW
16-Pin SO (derate 8.7mW/°C above +70°C)................696mW
Storage Temperature Range .............................-65°C to +150°C
Maximum Junction Temperature .....................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Lead Temperature (soldering, 10s) .................................+300°C
ESD Protection (Human Body Model) IN_+, IN_-, OUT_............±7.5kV
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVDS INPUTS (IN_+, IN_-)
Differential Input High Threshold
VTH
100
mV
Differential Input Low Threshold
VTL
-100
mV
0.1V
≤VID≤ 0.6V,
-20
20
Input Current (MAX9125)
IIN_+,
IIN_-
0.6V
<VID≤ 1.0V
-25
25
µA
0.1V
≤VID≤ 0.6V, VCC = 0
-20
20
Power-Off Input Current
(MAX9125)
IIN_+,
IIN_-
0.6V
<VID≤ 1.0V, VCC = 0
-25
25
µA
Input Resistor 1
RIN1
VCC = +3.6V or 0, Figure 1
35
k
Input Resistor 2
RIN2
VCC = +3.6V or 0, Figure 1
132
k
Differential Input Resistance
(MAX9126)
RDIFF
VCC = +3.6V or 0, Figure 1
90
115
132
LVCMOS/LVTTL OUTPUTS (OUT_)
Open, undriven short, or
undriven 100
Ω parallel
termination
2.7
3.2
IOH =
-4.0mA
(MAX9125)
VID = +100mV
2.7
3.2
Open or undriven short
2.7
3.2
Output High Voltage
VOH
IOH =
-4.0mA
(MAX9126)
VID = +100mV
2.7
3.2
V
Output Low Voltage
VOL
IOL = +4.0mA, VID = -100mV
0.1
0.25
V
Output Short-Circuit Current
IOS
Enabled, VID = +100mV, VOUT_ = 0 (Note 2)
-15
-120
mA
Output High-Impedance Current
IOZ
Disabled, VOUT_ = 0 or VCC
-10
+10
µA


Similar Part No. - MAX9125ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MAX9120 MAXIM-MAX9120 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX9120 MAXIM-MAX9120 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA MAXIM-MAX9120ESA Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA++ MAXIM-MAX9120ESA+ Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
More results

Similar Description - MAX9125ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9121 MAXIM-MAX9121 Datasheet
231Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination and Flow-Through Pinout
Rev 0; 6/01
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
   Quad LVDS Receivers
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
logo
ON Semiconductor
MC1489 ONSEMI-MC1489 Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
Texas Instruments
SN65MLVD048 TI-SN65MLVD048_1 Datasheet
696Kb / 20P
[Old version datasheet]   QUAD CHANNEL M-LVDS RECEIVERS
SN65MLVD048 TI-SN65MLVD048 Datasheet
480Kb / 18P
[Old version datasheet]   QUAD CHANNEL M-LVDS RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com