Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9119 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9119
Description  SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9119 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9119 Datasheet HTML 1Page - Maxim Integrated Products MAX9119 Datasheet HTML 2Page - Maxim Integrated Products MAX9119 Datasheet HTML 3Page - Maxim Integrated Products MAX9119 Datasheet HTML 4Page - Maxim Integrated Products MAX9119 Datasheet HTML 5Page - Maxim Integrated Products MAX9119 Datasheet HTML 6Page - Maxim Integrated Products MAX9119 Datasheet HTML 7Page - Maxim Integrated Products MAX9119 Datasheet HTML 8Page - Maxim Integrated Products MAX9119 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
500
600
550
650
700
750
800
900
850
950
1.5
2.5
2.0
3.0
3.5
4.0
4.5
5.0
5.5
MAX9117/MAX9118 SUPPLY CURRENT
vs. SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
250
300
350
400
450
500
550
1.5
2.5
2.0
3.0
3.5
4.0
4.5
5.0
5.5
MAX9119/MAX9120 SUPPLY CURRENT
vs. SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
550
650
600
750
700
850
800
900
-40
10
-15
35
60
85
MAX9117/MAX9118
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +3V
VCC = +5V
VCC = +1.8V
250
350
300
450
400
500
550
-40
10
-15
35
60
85
MAX9119/MAX9120
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +3V
VCC = +5V
VCC = +1.8V
0
300
200
100
400
500
600
700
02
3
1
456
9
10
OUTPUT VOLTAGE LOW
vs. SINK CURRENT
SINK CURRENT (mA)
78
VCC = +1.8V
VCC = +5V
VCC = +3V
35
0
1
10
100
1k
10k
100k
MAX9117/MAX9118 SUPPLY CURRENT
vs. OUTPUT TRANSITION FREQUENCY
10
OUTPUT TRANSITION FREQUENCY (Hz)
25
30
5
15
20
VCC = +1.8V
VCC = +5V
VCC = +3V
35
0
1
10
100
1k
10k
100k
MAX9119/MAX9120 SUPPLY CURRENT
vs. OUTPUT TRANSITION FREQUENCY
10
OUTPUT TRANSITION FREQUENCY (Hz)
25
30
5
15
20
VCC = +1.8V
VCC = +5V
VCC = +3V
0
100
200
300
400
500
600
02468
10
OUTPUT VOLTAGE LOW vs. SINK CURRENT
AND TEMPERATURE
SINK CURRENT (mA)
3
15
7
9
TA = +85
°C
TA = +25
°C
TA = -40
°C
0
0.2
0.1
0.4
0.3
0.6
0.5
0.7
04
26
8
15
37
9
10
MAX9117/MAX9119 OUTPUT VOLTAGE
HIGH vs. SOURCE CURRENT
SOURCE CURRENT (mA)
VCC = +1.8V
VCC = +5V
VCC = +3V
SC70, 1.8V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VCC = +5V, VEE = 0V, CL = 15pF, VOVERDRIVE = 100mV, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9119

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9119 MAXIM-MAX9119 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX9119 MAXIM-MAX9119 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9119 MAXIM-MAX9119 Datasheet
580Kb / 7P
   MAXNANOPWRBD# Evaluation Kit
319-100409; Rev 3; 12/19
MAX9119EXK MAXIM-MAX9119EXK Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9119EXK-T MAXIM-MAX9119EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
More results

Similar Description - MAX9119

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
logo
3PEAK INC.
TP2021 3PEAK-TP2021 Datasheet
501Kb / 20P
   SC70, 1.8V, Nano-power Comparators with Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com