Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5729MD Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5729MD
Description  TAS5729MD 12-W I짼S Input Class-D Amplifier With Digital Audio Processor and DirectPath??HP and Line Driver
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5729MD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5729MD_15 Datasheet HTML 2Page - Texas Instruments TAS5729MD_15 Datasheet HTML 3Page - Texas Instruments TAS5729MD_15 Datasheet HTML 4Page - Texas Instruments TAS5729MD_15 Datasheet HTML 5Page - Texas Instruments TAS5729MD_15 Datasheet HTML 6Page - Texas Instruments TAS5729MD_15 Datasheet HTML 7Page - Texas Instruments TAS5729MD_15 Datasheet HTML 8Page - Texas Instruments TAS5729MD_15 Datasheet HTML 9Page - Texas Instruments TAS5729MD_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
TAS5729MD
SLOS836C – MAY 2013 – REVISED MARCH 2015
www.ti.com
7.4 Thermal Information
TAS5729MD
THERMAL METRIC(1)
DCA(2)
DCA(3)
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
62.6
32.6
°C/W
RθJC(top)
Junction-to-case (bottom) thermal resistance
17.9
16.2
°C/W
RθJB
Junction-to-board thermal resistance
11.9
14.4
°C/W
ψJT
Junction-to-top characterization parameter
0.8
0.9
°C/W
ψJB
Junction-to-board characterization parameter
13.5
14.3
°C/W
RθJC(bottom) Junction-to-case (top) thermal resistance
1.5
1.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
JEDEC Standard 2 Layer Board
(3)
JEDEC Standard 4 Layer Board
7.5 Digital I/O Pins
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|IIH|
Input logic high current level
All digital pins
75
µA
VIH
Input logic high threshold for DVDD
All digital pins
2
V
referenced digital inputs
|IIL|
Input logic low current level
All digital pins
75
µA
VIL
Input logic low threshold for DVDD
All digital pins
0.8
V
referenced digital inputs
VOH
Output logic high voltage level
IOH = 4 mA, VDD = 3 V
2.4
V
VOL
Output logic low voltage level
IOH = –4 mA, VDD = 3 V
0.5
V
7.6 Master Clock
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
DMCLK
Allowable MCLK duty cycle
40%
50%
60%
fMCLK
Supported MCLK frequencies
2.8224
24.576
MHz
tr
Rise or fall time for MCLK
5
ns
tf
7.7 Serial Audio Port
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCLK
Supported SCLK frequencies
Values include 32, 48, and 64
32
64
× fS
DSCLK
Allowable SCLK duty cycle
40%
50%
60%
Required SDIN setup time before SCLK
tsu2
10
ns
rising edge
Required SDIN hold time after SCLK rising
th2
10
ns
edge
fS
Supported input sample rates
8
48
kHz
DLRCLK
Allowable LRCLK duty cycle
40%
50%
60%
tsu1
Required LRCLK to SCLK rising edge 10
ns
th1
Required LRCLK to SCLK rising edge
10
ns
tr, tf
Rise or fall time for SCLK and LRCLK
8
ns
Allowable LRCLK drift before LRCLK reset
4
MCLKs
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5729MD


Similar Part No. - TAS5729MD_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5729MD TI1-TAS5729MD_14 Datasheet
1Mb / 59P
[Old version datasheet]   12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
TAS5729MD TI1-TAS5729MD_16 Datasheet
3Mb / 65P
[Old version datasheet]   Input Class-D Amplifier
More results

Similar Description - TAS5729MD_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5729MD TI-TAS5729MD Datasheet
1Mb / 58P
[Old version datasheet]   12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
TAS5729MD TI1-TAS5729MD_14 Datasheet
1Mb / 59P
[Old version datasheet]   12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
[Old version datasheet]   TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5806MD TI1-TAS5806MD Datasheet
2Mb / 95P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and DirectPathTM HP Driver
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TPA2054D4 TI1-TPA2054D4 Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2054D4A TI1-TPA2054D4A Datasheet
1Mb / 30P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 3:1 INPUT MUX
TPA2050D4 TI-TPA2050D4 Datasheet
917Kb / 29P
[Old version datasheet]   1.4 W/CH STEREO CLASS-D AUDIO SUBSYSTEM WITH DirectPath??HEADPHONE AMPLIFIER AND 2:1 INPUT MUX
DRV604 TI-DRV604 Datasheet
878Kb / 21P
[Old version datasheet]   DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com