Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

105XG2D Datasheet(PDF) 5 Page - HB Electronic Components

Part # 105XG2D
Description  High bright output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

105XG2D Datasheet(HTML) 5 Page - HB Electronic Components

  105XG2D Datasheet HTML 1Page - HB Electronic Components 105XG2D Datasheet HTML 2Page - HB Electronic Components 105XG2D Datasheet HTML 3Page - HB Electronic Components 105XG2D Datasheet HTML 4Page - HB Electronic Components 105XG2D Datasheet HTML 5Page - HB Electronic Components 105XG2D Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No.:105XG2D
www.ledz.com
5/6
LED SPECIFICATION
Recommended soldering conditions/推荐焊接条件:
Hand Soldering
手工焊接
DIP Soldering
浸焊
Temp.at tip of iron
电烙铁温度
300℃Max.(30WMax.)
最高温度300℃(功率
不超过30瓦)
Preheat temp.
预热温度
100℃ Max. (60 sec Max.)
最高温度100℃(不超过60
秒)
Soldering time
焊接时间
3 sec Max.
时间不超过3秒
Bath temp.
浸焊温度
260℃ Max
最高260℃.
Distance
焊接位置
2mm Min.(From
solder joint to case)
大于2毫米(从焊点到
胶体)
Bath time.
浸焊时间
3 sec Max.
不超过3秒
Distance
浸焊位置
2mm Min
大于2毫米.
Ø Cleaning/清洗
1. Do not clean LEDs with water, Alcohol are recommended solvents for cleaning. When using other
solvents, it should be confirmed beforehand whether the solvents will dissolve the resin or not.
不要用水清洗,推荐使用酒精清洗,当使用其他溶剂清洗时应事先确认该溶剂是否溶解树脂。
2. LEDs may be damaged by ultrasonic-washed. Before cleaning, a pre-test should be done to confirm
whether any damage to the LEDs will occur.
LED有可能在超声波清洗过程中被破坏。为了保证安全,在清洗前,请先确认。
Ø Storage/保存
1. Environmental temperature: -40℃---100℃, Recommended: -20℃---50℃
环境温度:-40℃---100℃,推荐使用-20℃---50℃;
2. Environmental humidity: 30%---70%, Recommended: 40%---60%
环境湿度:30%---70%,推荐使用40%---60%;


Similar Part No. - 105XG2D

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
105XB7D HB-105XB7D Datasheet
115Kb / 6P
   LED
105XR2D HB-105XR2D Datasheet
207Kb / 3P
   Single color
105XW7D HB-105XW7D Datasheet
97Kb / 4P
   LED
105XY8D HB-105XY8D Datasheet
138Kb / 3P
   Single color
More results

Similar Description - 105XG2D

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
05W913M4WC HB-05W913M4WC Datasheet
99Kb / 4P
   High bright output
05W580BBC HB-05W580BBC Datasheet
149Kb / 3P
   High bright output
05W580CYC HB-05W580CYC Datasheet
145Kb / 3P
   High bright output
05W913M4G2C HB-05W913M4G2C Datasheet
86Kb / 3P
   High bright output
7511MW2D-B HB-7511MW2D-B Datasheet
374Kb / 7P
   High bright output
05W580ERC HB-05W580ERC Datasheet
71Kb / 3P
   High bright output
130PG2C HB-130PG2C Datasheet
152Kb / 9P
   High bright output
130PWC HB-130PWC Datasheet
1Mb / 11P
   High bright output
05W913M4R2C HB-05W913M4R2C Datasheet
82Kb / 3P
   High bright output
05W580EW3C HB-05W580EW3C Datasheet
94Kb / 3P
   High bright output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com