Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LD Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS5760LD
Description  TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760LD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5760LD_15 Datasheet HTML 4Page - Texas Instruments TAS5760LD_15 Datasheet HTML 5Page - Texas Instruments TAS5760LD_15 Datasheet HTML 6Page - Texas Instruments TAS5760LD_15 Datasheet HTML 7Page - Texas Instruments TAS5760LD_15 Datasheet HTML 8Page - Texas Instruments TAS5760LD_15 Datasheet HTML 9Page - Texas Instruments TAS5760LD_15 Datasheet HTML 10Page - Texas Instruments TAS5760LD_15 Datasheet HTML 11Page - Texas Instruments TAS5760LD_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
TAS5760LD
SLOS781A – JULY 2013 – REVISED JULY 2015
www.ti.com
Speaker Amplifier in All Modes (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Hardware Control Mode
Speaker Amplifier Gain with
(Additional gain settings
AV10
31
dBV
SPK_GAIN[1:0] Pins = 10
available in Software Control
Mode)(1)
Speaker Amplifier Gain with
(This setting places the device
AV11
(Set via I²C)
SPK_GAIN[1:0] Pins = 11
in Software Control Mode)
BTL, Worst case over voltage,
10
mV
gain settings
|VOS|(SPK_
Speaker Amplifier DC Offset
AMP)
PBTL, Worst case over voltage,
15
mV
gain settings
(Hardware Control Mode.
Speaker Amplifier Switching Frequency
Additional switching rates
fSPK_AMP(0)
16
fS
when PWM_FREQ Pin = 0
available in Software Control
Mode.)
(Hardware Control Mode.
Speaker Amplifier Switching Frequency
Additional switching rates
fSPK_AMP(1)
8
fS
when PWM_FREQ Pin = 1
available in Software Control
Mode.)
PVDD = 15 V, TA = 25 °C, Die
120
m
Ω
Only
On Resistance of Output MOSFET (both
RDS(ON)
PVDD= 15V, TA = 25 °C,
high-side and low-side)
Includes: Die, Bond Wires,
150
m
Ω
Leadframe
fS = 44.1 kHz
3.7
fS = 48 kHz
4
–3-dB Corner Frequency of High-Pass
fC
Hz
Filter
fS = 88.2 kHz
7.4
fS = 96 kHz
8
7.10 Speaker Amplifier in Stereo Bridge-Tied Load (BTL) Mode
input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
66
-
µVrms
RSPK = 8Ω, A-Weighted
ICN(SPK)
Idle Channel Noise
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
75
-
µVrms
RSPK = 8Ω, A-Weighted
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
14.2
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
8
-
W
RSPK = 8Ω, THD+N = 0.1%
Maximum Instantaneous
PO(SPK)
Output Power Per. Ch.
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
21.9
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
12.5
-
W
RSPK = 8Ω, THD+N = 0.1%
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760LD


Similar Part No. - TAS5760LD_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LDAP TI1-TAS5760LDAP Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDAPR TI1-TAS5760LDAPR Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDCA TI1-TAS5760LDCA Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDCAR TI1-TAS5760LDCAR Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDDCA TI1-TAS5760LDDCA Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5760LD_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
[Old version datasheet]   TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760M TI-TAS5760M_15 Datasheet
1Mb / 84P
[Old version datasheet]   TAS5760M General-Purpose I2S Input Class-D Amplifier
TAS5729MD TI-TAS5729MD Datasheet
1Mb / 58P
[Old version datasheet]   12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
TAS5729MD TI1-TAS5729MD_14 Datasheet
1Mb / 59P
[Old version datasheet]   12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com